Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4651 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT4651
Description  5V/3V PC Card Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4651 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT4651 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 12Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 13Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 14Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AAT4651
5V/3V PC Card Power Switch
10
4651.2006.05.1.2
Timing Diagram
Figure 1: VCC Switching Time Diagram.
Refer to VCC Switching Time specifications in the Electrical Characteristics section of this datasheet for definitions of t1 to t8.
Typical PC Card Application Circuit
VCC5
VCC3
VCCD1
VCCD0
FAULT
VCC
GND
AAT4651
8
5
2
3
4
1
6,7
V
CC
Power
Supply
5V
3.3V
PC Card
Controller
PC Card
Slot
VCC_EN1
VCC_EN0
FAULT
100k
Ω
V
CC
CIN3
1
μF
CIN5
1
μF
COUT
0.1
μF
0
5
VCCD0,1
Vcc
t3, t4
t1, t2
t5, t6
t7, t8
0
5


Similar Part No. - AAT4651

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
logo
Advanced Analog Technol...
AAT4650 AAT-AAT4650 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Skyworks Solutions Inc.
AAT4650 SKYWORKS-AAT4650 Datasheet
987Kb / 12P
   5V/3V PC Card Power Switch
April 26, 2012
logo
Advanced Analogic Techn...
AAT4650IAS-B1 ANALOGICTECH-AAT4650IAS-B1 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
More results

Similar Description - AAT4651

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
AAT4650 ANALOGICTECH-AAT4650_06 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Advanced Analog Technol...
AAT4650 AAT-AAT4650 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
RF Micro Devices
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Linear Technology
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
   3V/5V SIM Power Supply in ThinSOT
LTC1986 LINER-LTC1986 Datasheet
141Kb / 8P
   3V/5V SIM Power Supply in SOT-23
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com