Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3237IGU-3.0-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3237IGU-3.0-T1
Description  300mA MicroPower??LDO with PowerOK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3237IGU-3.0-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3237IGU-3.0-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3237IGU-3.0-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3237IGU-3.0-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3237IGU-3.0-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3237IGU-3.0-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3237IGU-3.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3237IGU-3.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3237IGU-3.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3237IGU-3.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SmartSwitch
AAT3237
300mA MicroPower™ LDO with PowerOK
3237.2006.01.1.4
1
General Description
The AAT3237 MicroPower low dropout (LDO) lin-
ear regulator is ideally suited for portable applica-
tions where low noise, extended battery life, and
small size are critical.
The AAT3237 has been
specifically designed for low output noise perform-
ance, fast transient response, and high power sup-
ply rejection ratio (PSRR).
Other features include low quiescent current, typi-
cally 70µA, and low dropout voltage, typically less
than 400mV at full output current. The device is
output short-circuit protected and has a thermal
shutdown circuit for additional protection under
extreme conditions.
The AAT3237 also features a low-power shutdown
mode for extended battery life. A Power-OK open-
drain output signals when V
OUT is in regulation.
The AAT3237 is available in a Pb-free, space-sav-
ing 6-pin SOT23 or 8-pin SC70JW package in 13
factory-programmed voltages: 1.2V, 1.5V, 1.8V,
2.0V, 2.3V, 2.5V, 2.7V, 2.8V, 2.85V, 2.9V, 3.0V,
3.3V, or 3.5V.
Features
Low Dropout: 400mV at 300mA
Guaranteed 300mA Output
High Accuracy ±1.5%
70µA Quiescent Current
High Power Supply Ripple Rejection
Power-OK (POK) Output
Fast Line and Load Transient Response
Short-Circuit Protection
Over-Temperature Protection
Uses Low Equivalent Series Resistance
(ESR) Ceramic Capacitors
Shutdown Mode for Longer Battery Life
Low Temperature Coefficient
13 Factory-Programmed Output Voltages
SOT23 6-Pin or SC70JW 8-Pin Package
Applications
Cellular Phones
Desktop Computers
Digital Cameras
Notebook Computers
Personal Portable Electronics
Portable Communication Devices
Typical Application
AAT3237
EN
IN
OUT
POK
GND
ON/OFF
1
µF
2.2
µF
VIN
GND
GND
VOUT
POK
PowerLinear


Similar Part No. - AAT3237IGU-3.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.5-T1 ANALOGICTECH-AAT3232IGV-2.5-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.7-T1 ANALOGICTECH-AAT3232IGV-2.7-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.8-T1 ANALOGICTECH-AAT3232IGV-2.8-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-3.0-T1 ANALOGICTECH-AAT3232IGV-3.0-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results

Similar Description - AAT3237IGU-3.0-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307 Datasheet
295Kb / 8P
   300mA Micropower uCap Baseband LDO
logo
Linear Technology
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307_07 Datasheet
206Kb / 9P
   300mA Micropower 關Cap Baseband LDO
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com