Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC1003-09ET-00 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT88SC1003-09ET-00
Description  Security Logic with Three Application Zones
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1003-09ET-00 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT88SC1003-09ET-00 Datasheet HTML 5Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 6Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 7Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 8Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 9Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 10Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 11Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 12Page - ATMEL Corporation AT88SC1003-09ET-00 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
AT88SC1003
2035B–SMEM–08/03
Internal Flags
Table 4. Definition of AT88SC1003 Internal Flags
Flag
Definition
Operation
Function
SV
Security Validation Flag
The SV flag is set by correctly matching the 16-bit
security code bit by bit from address 80 through
95, as pin CLK increments the address counter.
The security code matching operation must be
followed immediately by a validation operation
within the Security Code Attempts Counter
(SCAC). This validation operation requires the
user to find a bit in the SCAC, addresses 96–99,
that is a logic “1”. A write is performed followed by
an erase. The AT88SC1003 will validate that the
comparison was correct by outputting a logic “1”,
and SV will be set. After the erase, all 16 bits in
the SCAC will also be erased. The flag remains
set until power to the card is turned off. If the
comparison was in error or part of the validation
was not performed correctly, the AT88SC1003 will
output a logic “0” showing that SV has not been
set. After four consecutive incorrect security code
presentations, the card is permanently locked.
This flag is the master protection
for the memory zones. See
Table 6 and Table 7.
P1
Application Zone 1 Write
Flag
If Bit 176 has been programmed to a logic “1”, this
flag is set after Bit 176 has been addressed. The
flag remains set until power to the device is turned
off, even if this bit is written to “0” by a subsequent
operation.
P1 and SV must both be set in
order to enable a write command
in Application Zone 1 (Security
Mode 2).
P2
Application Zone 2 Write
Flag
If Bit 480 has been programmed to a logic “1”, this
flag is set after Bit 480 has been addressed. The
flag remains set until power to the device is turned
off, even if this bit is written to “0” by a subsequent
operation.
P2 and SV must both be set in
order to enable the write
command in Application Zone 2
(Security Mode 2).
P3
Application Zone 3 Write
Flag
If Bit 1024 has been programmed to a logic “1”,
this flag is set after Bit 1024 has been addressed.
The flag remains set until power to the device is
turned off, even if this bit is written to “0” by a
subsequent operation.
P3 and SV must both be set in
order to enable a write command
in Application Zone 3 (Security
Mode 2).
R1
Application Zone 1 Read
Flag
If Bit 177 has been programmed to a logic “1”, this
flag is set after Bit 177 has been addressed. The
flag remains set until power to the device is turned
off, even if this bit is written to “0” by a subsequent
operation.
R1 or SV must be set to “1” in
order to enable Application Zone
1 bits to be read.
R2
Application Zone 2 read flag
If Bit 481 has been programmed to a logic “1”, this
flag is set after Bit 481 has been addressed. The
flag remains set until power to the device is turned
off, even if this bit is written to “0” by a subsequent
operation.
R2 or SV must be set to “1” in
order to enable Application Zone
2 bits to be read.
R3
Application Zone 3 Read
Flag
If Bit 1025 has been programmed to a logic “1”,
this flag is set after Bit 1025 has been addressed.
The flag remains set until power to the device is
turned off, even if this bit is written to “0” by a
subsequent operation.
R3 or SV must be set to “1” in
order to enable Application Zone
3 bits to be read.


Similar Part No. - AT88SC1003-09ET-00

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1003 ATMEL-AT88SC1003 Datasheet
528Kb / 30P
   Vpp Internally Generated for Single Voltage Operation
AT88SC1003 ATMEL-AT88SC1003_14 Datasheet
528Kb / 30P
   Vpp Internally Generated for Single Voltage Operation
More results

Similar Description - AT88SC1003-09ET-00

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC101 ATMEL-AT88SC101 Datasheet
176Kb / 11P
   Smart Card ICs 1K E2PROM with Security Logic
logo
List of Unclassifed Man...
IZ4436 ETC-IZ4436 Datasheet
26Kb / 2P
   Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
KODENSHI_AUK CORP.
KKE4436 KODENSHI-KKE4436 Datasheet
175Kb / 2P
   Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
Advanced Micro Devices
AM2917A AMD-AM2917A Datasheet
209Kb / 8P
   QUAD THREE STATE BUS TRANSCEIVER WITH INTERFACE LOGIC
logo
SMSC Corporation
EMC1063 SMSC-EMC1063 Datasheet
551Kb / 26P
   1C Triple Temperature Sensor with Hotter of Two Zones
logo
KODENSHI_AUK CORP.
SNN01Z60Q KODENSHI-SNN01Z60Q Datasheet
611Kb / 8P
   Logic Level gat Drive Application
logo
UMC Corporation
UA3730 UMC-UA3730 Datasheet
453Kb / 7P
   SECURITY LOCK WITH ALARM
logo
Gamewell-FCI by Honeywe...
GWF410 GAMEWELL-FCI-GWF410 Datasheet
44Kb / 2P
   Flex 410 FACP, 10 zones, expandable to 20 and 30 zones, 120 VAC
logo
DB Lectro Inc
PL3 DBLECTRO-PL3 Datasheet
369Kb / 2P
   Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com