Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC1003-09PT-00 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT88SC1003-09PT-00
Description  Security Logic with Three Application Zones
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1003-09PT-00 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT88SC1003-09PT-00 Datasheet HTML 1Page - ATMEL Corporation AT88SC1003-09PT-00 Datasheet HTML 2Page - ATMEL Corporation AT88SC1003-09PT-00 Datasheet HTML 3Page - ATMEL Corporation AT88SC1003-09PT-00 Datasheet HTML 4Page - ATMEL Corporation AT88SC1003-09PT-00 Datasheet HTML 5Page - ATMEL Corporation AT88SC1003-09PT-00 Datasheet HTML 6Page - ATMEL Corporation AT88SC1003-09PT-00 Datasheet HTML 7Page - ATMEL Corporation AT88SC1003-09PT-00 Datasheet HTML 8Page - ATMEL Corporation AT88SC1003-09PT-00 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
AT88SC1003
2035B–SMEM–08/03
Memory Map
Table 2. AT88SC1003 Memory Diagram
Bit Address
Zone
Bits
Words
0–15
FZ – Fabrication Zone
16 Bits
1
16–79
IZ – Issuer Zone
64 Bits
4
80–95
SC – Security Code
16 Bits
1
96–111
SCAC – Security Code Attempts Counter (only first 4 bits used)
16 Bits
1
112–175
CPZ – Code Protected Zone
64 Bits
4
176–431
AZ1 – Application Zone 1
256 Bits
16
432–479
EZ1 – Application Zone 1 Erase Key
48 Bits
3
480–735
AZ2 – Application Zone 2
256 Bits
16
736–767
EZ2 – Application Zone 2 Erase Key
32 Bits
2
768–895
EC2 – Application Zone 2 Erase Counter
128 Bits
8
896–911
MTZ – Memory Test Zone
16 Bits
1
912–975
MFZ – Manufacturer’s Zone
64 Bits
4
992–1007
ISSUER FUSE
16 Bits
1
1016–1019
MANUF. FUSE – Manufacturer’s Fuse
4 Bits
1020–1023
EC2EN FUSE – Controls use of EC2
4 Bits
1024–1535
AZ3 – Application Zone 3
512 Bits
32
1536–1583
EZ3 – Application Zone 3 Erase Key
48 Bits
3
1584
EB3 – Application Zone 3 Erase Bit
1 Bit
1585–1599
Unused
16 Bits
1


Similar Part No. - AT88SC1003-09PT-00

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1003 ATMEL-AT88SC1003 Datasheet
528Kb / 30P
   Vpp Internally Generated for Single Voltage Operation
AT88SC1003 ATMEL-AT88SC1003_14 Datasheet
528Kb / 30P
   Vpp Internally Generated for Single Voltage Operation
More results

Similar Description - AT88SC1003-09PT-00

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC101 ATMEL-AT88SC101 Datasheet
176Kb / 11P
   Smart Card ICs 1K E2PROM with Security Logic
logo
List of Unclassifed Man...
IZ4436 ETC-IZ4436 Datasheet
26Kb / 2P
   Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
KODENSHI_AUK CORP.
KKE4436 KODENSHI-KKE4436 Datasheet
175Kb / 2P
   Intelligent 221-Bit EEPROM Counter for > 20000 Units with Security Logic and High Security Authentication
logo
Advanced Micro Devices
AM2917A AMD-AM2917A Datasheet
209Kb / 8P
   QUAD THREE STATE BUS TRANSCEIVER WITH INTERFACE LOGIC
logo
SMSC Corporation
EMC1063 SMSC-EMC1063 Datasheet
551Kb / 26P
   1C Triple Temperature Sensor with Hotter of Two Zones
logo
KODENSHI_AUK CORP.
SNN01Z60Q KODENSHI-SNN01Z60Q Datasheet
611Kb / 8P
   Logic Level gat Drive Application
logo
UMC Corporation
UA3730 UMC-UA3730 Datasheet
453Kb / 7P
   SECURITY LOCK WITH ALARM
logo
Gamewell-FCI by Honeywe...
GWF410 GAMEWELL-FCI-GWF410 Datasheet
44Kb / 2P
   Flex 410 FACP, 10 zones, expandable to 20 and 30 zones, 120 VAC
logo
DB Lectro Inc
PL3 DBLECTRO-PL3 Datasheet
369Kb / 2P
   Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems
logo
Microchip Technology
EMC2113 MICROCHIP-EMC2113_13 Datasheet
1Mb / 88P
   RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com