Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF1516SE Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATF1516SE
Description  Family Datasheet
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1516SE Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATF1516SE Datasheet HTML 5Page - ATMEL Corporation ATF1516SE Datasheet HTML 6Page - ATMEL Corporation ATF1516SE Datasheet HTML 7Page - ATMEL Corporation ATF1516SE Datasheet HTML 8Page - ATMEL Corporation ATF1516SE Datasheet HTML 9Page - ATMEL Corporation ATF1516SE Datasheet HTML 10Page - ATMEL Corporation ATF1516SE Datasheet HTML 11Page - ATMEL Corporation ATF1516SE Datasheet HTML 12Page - ATMEL Corporation ATF1516SE Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
9
ATF15xxSE Family
2401D–PLD–09/02
latches remain active to ensure that pins do not float to indeterminate levels, further reducing
system power. All pin transitions are ignored until the PD pin is brought low. When the power-
down feature is enabled for PD1 or PD2, that pin cannot be used as a logic input or output.
However, the pin’s macrocell may still be used to generate buried foldback and cascade logic
signals. The power-down option is selected in the design source file.
Power
Consumption
Estimates
An estimate of power consumption can be made based on typical designs and operation con-
ditions, but because it is sensitive to these factors, power consumption must be verified with
actual pattern and operation conditions. The equations given below are based on a pattern of
16-bit up/down counters in each logic block and may be used to estimate power consumption
for both operating modes.
Standby Power
1.
Pstandby =Iccstandby xVsupply
Where:
Iccstandby = the standby current given for the particular device and standby mode (e.g. pin con-
trolled Power Down)
Vsupply= the power supply voltage
Active Power
2.
Pactive =Pinternal +Pload =Iccinternal xVsupply +Pload
Where:
Iccinternal = the internal current estimated from equation 3 below
Vsupply= the power supply voltage
Pload = depends on the device output load capacitance and switching frequency on each out-
put pin.
Pload and additional power savings at low frequencies using Atmel Input Transition Detection
(“L” versions) can be estimated according to the methods discussed in the Atmel Application
Note “Saving Power with Atmel PLDs”
3.
I
ccinternal =[K1 x(MCinuse – MCreducedpower )] + (K2 xMCreducedpower)+ (K3 xMCinuse xfop x
NS)
Where:
MC
reducedpower = the number of macrocells operating at reduced power (from fitter report file)
MC
inuse= the number of macrocells in use (from fitter report file. Unused macrocells are pow-
ered down.)
NS = the proportion of logic nodes switching (typically 10-20%)
f
op = the switching frequency
K
1,K2,and K3 = device constants given in the table below.
Note:
Shaded data is preliminary and subject to change without notice.
Device
K1 (mA/MC)
K2 (mA/MC)
K3 (mA/MC · MHz)
ATF1502SE
0.6
0.3
0.015
ATF1504SE
0.6
0.3
0.015
ATF1508SE
0.6
0.3
0.015
ATF1516SE
0.6
0.3
0.015


Similar Part No. - ATF1516SE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1516AE-10 ATMEL-ATF1516AE-10 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
ATF1516AE-5 ATMEL-ATF1516AE-5 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
ATF1516AE-7 ATMEL-ATF1516AE-7 Datasheet
1Mb / 76P
   2nd Generation EE Complex Programmable Logic Devices
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
ATF1516AS-10QC160 ATMEL-ATF1516AS-10QC160 Datasheet
266Kb / 11P
   High Performance EE-Based CPLD
More results

Similar Description - ATF1516SE

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF2500C ATMEL-ATF2500C Datasheet
343Kb / 20P
   ATF2500C CPLD Family Datasheet
ATF2500C ATMEL-ATF2500C_08 Datasheet
619Kb / 24P
   ATF2500C CPLD Family Datasheet
logo
Cypress Semiconductor
S6J312A CYPRESS-S6J312A Datasheet
2Mb / 139P
   32-Bit Traveo??Family Microcontroller Datasheet
logo
NXP Semiconductors
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
   i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
IMX7SCEC NXP-IMX7SCEC_V01 Datasheet
3Mb / 155P
   i.MX 7Solo Family of Applications Processors Datasheet
Rev. 7, 09/2023
logo
Cypress Semiconductor
S6J311A CYPRESS-S6J311A Datasheet
2Mb / 92P
   32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J311E CYPRESS-S6J311E Datasheet
2Mb / 116P
   32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com