Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP602 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # CP602
Description  VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

CP602 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  CP602 Datasheet HTML 1Page - Pan Jit International Inc. CP602 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O .
• Surge Overload Ratings to 125 Amperes.
• Low forward voltage, and reverse leakage.
• Small size , simple installation.
• Reliable low cost construction utilizing molded plastic technique.
MECHANICALDATA
Mounting Position: Any
Weight: 0.2 ounce, 5.6 gram
Terminals: Lead solderable per MIL-STD-202 Method 208
Mounting Torque: 5 in. lb. max.
CP600~CP6010
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A , HEAT-SINK MTG 6A
VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A
Recongnized File # E111753
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current at TC=50°C
See Fig 2
at TA=25°C
Peak Forward Surge Current ,8.3ms
single half sine-wave superimposed on rated load
Maximum Forward Voltage per Bridge Element
Specified Current at 3.0A DC & 25°C.See Fig 3
Maximum Reverse Leakage at RatedDC Blocking
Voltage per element.
at 25°C
See Fig 4
at 100°C
I2t Rating for fusing ( t < 8.35 ms)
Typical junction capacitance per leg (NOTE 4)CJ
Typical Thermal resistance per leg ( NOTE 3) R
θJA
Typical Thermal resistance per leg ( NOTE 2) R
θJC
Operating Temperature Range TJ
Storage Temperature Range TA
NOTES:
1.Bolt down on heat-sink with silicon thermal compound between bridge and mounting surface for maximum heat transfer with #6 screw.
2.Unit mounted on 5.0 X 6.0 X 0.11” thick ( 14 X 15 X 0.3 cm )AL.plate.
3.Unit mounted on P.C.B at 0.395”(9.5mm)lead length with 0.5 X 0.5” ( 12 X 12 mm )copper pads.
4.Measured at 1.0MHZ and applied reverse voltage of 4.0 volts.
DATA SHEET
.044(1.1)
.039(1.0)
.15(3.8) MIN
.445(11.3)
.406(10.3)
.618(15.7)
.579(14.7)
UNITS
1000
V
700
1000
V
V
6
3
125
1.1
10.0
1.0
-55 to +150
V
A
A
µA
mA
pF
°C/W
°C
186
°C
-55 to +125
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase , half wave ,60Hz, resistive or inductive load.
For capacitive load , derate current by 20%.
22.0
7.3
A2S
127
50
35
100
70
100
200
140
200
400
280
400
600
420
600
800
560
600
50
CP600
CP6010
CP608
CP606
CP604
CP602
CP601


Similar Part No. - CP602

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
CP602 TRSYS-CP602 Datasheet
112Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
logo
CUI Devices
CP602040395H CUID-CP602040395H Datasheet
2Mb / 22P
   PELTIER MODULE
08/05/2022
logo
CUI INC
CP602040395H6 CUI-CP602040395H6 Datasheet
2Mb / 22P
   PELTIER MODULE
11/12/2020
CP60231H CUI-CP60231H Datasheet
946Kb / 10P
   PELTIER MODULE
CP60231H CUI-CP60231H Datasheet
948Kb / 10P
   PELTIER MODULE
More results

Similar Description - CP602

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
CP300 PANJIT-CP300 Datasheet
62Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
CP1000 PANJIT-CP1000 Datasheet
56Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 10A)
logo
Transys Electronics
CP600 TRSYS-CP600 Datasheet
112Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A, HEAR-SINK MTG 6A
CP300 TRSYS-CP300 Datasheet
123Kb / 2P
   SINGLE-PHASE SILICON BRIDGE-P.C. MTG 2A, HEAT-SINK MTG 3A
logo
List of Unclassifed Man...
MTG-12232C ETC1-MTG-12232C Datasheet
72Kb / 1P
   MTG-12232C
logo
Microchip Technology
MTG-12864A MICROCHIP-MTG-12864A Datasheet
91Kb / 1P
   MTG-12864A
MTG-32240A MICROCHIP-MTG-32240A Datasheet
75Kb / 1P
   MTG-32240A
logo
List of Unclassifed Man...
MTG-12232D ETC-MTG-12232D Datasheet
78Kb / 1P
   MTG-12232D
MTG-24128A ETC-MTG-24128A Datasheet
90Kb / 1P
   MTG 24128A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com