Electronic Components Datasheet Search |
|
ATF1502SE-7 Datasheet(PDF) 1 Page - ATMEL Corporation |
|
ATF1502SE-7 Datasheet(HTML) 1 Page - ATMEL Corporation |
1 / 69 page 1 Features • 2nd Generation EE PROM-based Complex Programmable Logic Devices –VCCIO of 5.0V or 3.3V with 3.3V Operation being 5V Tolerant – 32 - 256 Macrocells with Enhanced Features – Pin-compatible with Industry Standard Devices – Speeds to 5 ns Maximum Pin-to-pin Delay – Registered Operation to 250 MHz • Enhanced Macrocells with Logic Doubling™ Features – BuryEitherRegisterorCOM whileUsing theOther forOutput – Dual Independent Feedback Allows Multiple Latch Functions per Macrocell – 5 Product Terms per Macrocell, expandable to 40 per Macrocell with Cascade Logic, Plus 15 more with Foldback Logic – D/T/Latch Configurable Flip-flops plus Transparent Latches – Global and/or per Macrocell Register Control Signals – Global and/or per Macrocell Output Enable – Programmable Output Slew Rate per Macrocell – Programmable Output Open Collector Option per Macrocell – Fast Registered Input from Product Term • Enhanced Connectivity – Single Level Switch Matrix for Maximum Routing Options – Up to 40 Inputs per Logic Block • Advanced Power Management Features – ITD (Input Transition Detection) Available Individually on Global Clocks, Inputs and I/O for µA Level Standby Current for “L” Versions – Pin-controlled 1 mA Standby Mode – Reduced-power Option per Macrocell – Automatic Power Down of Unused Macrocells – Programmable Pin-keeper Inputs and I/Os • Available in Commercial and Industrial Temperature Ranges • Available in All Popular Packages Including PLCC, PQFP and TQFP • EE PROM Technology – 100% Tested – Completely Reprogrammable – 10,000 Program/Erase Cycles – 20 Year Data Retention – 2000V ESD Protection – 200 mA Latch-up Immunity • JTAG Boundary-scan Testing Port per IEEE 1149.1-1990 and 1149.1a-1993 – Pull-up Option on JTAG Pins TMS and TDI • IEEE 1532 Compatibility for Fast In-System Programmability (ISP) via JTAG • PCI-compliant • Security Fuse Feature ATF15xxSE Family Datasheet ATF1502SE(L) ATF1504SE(L) ATF1508SE(L) ATF1516SE(L) Preliminary Rev. 2401D–PLD–09/02 |
Similar Part No. - ATF1502SE-7 |
|
Similar Description - ATF1502SE-7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |