Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP50L02P Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP50L02P
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP50L02P Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP50L02P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP50L02P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP50L02P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP50L02P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP50L02P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP50L02P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
25
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.037
-V/℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=20A
-
-
17
VGS=4.5V, ID=10A
-
-
35
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=20A
-
10
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=25V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=20V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=-
-
nA
Qg
Total Gate Charge
2
ID=20A
-
11.5
-
nC
Qgs
Gate-Source Charge
VDS=20V
-
2.1
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=5V
-
8.4
-
nC
td(on)
Turn-on Delay Time
2
VDS=15V
-
7
-
ns
tr
Rise Time
ID=20A
-
60
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
17
-
ns
tf
Fall Time
RD=0.75Ω
-9
-
ns
Ciss
Input Capacitance
VGS=0V
-
390
-
pF
Coss
Output Capacitance
VDS=25V
-
245
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
100
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=1.26V
-
-
40
A
ISM
Pulsed Source Current ( Body Diode )
1
-
-
140
A
VSD
Forward On Voltage
2
Tj=25℃, IS=40A, VGS=0V
-
-
1.26
V
Notes:
1.Pulse width limited by safe operating area.
2.Pulse width <300us , duty cycle <2%.
AP50L02S/P
±100
± 20V
± 20V


Similar Part No. - AP50L02P

ManufacturerPart #DatasheetDescription
logo
LEM
AP50-B10 LEM-AP50-B10 Datasheet
56Kb / 2P
   AC Current transducer AP-B10
AP50-B420L LEM-AP50-B420L Datasheet
56Kb / 2P
   AC Current transducer AP-B420L
logo
Diodes Incorporated
AP5001 DIODES-AP5001 Datasheet
169Kb / 9P
   PWM CONTROL 1.5A STEP-DOWN CONVERTER
OCTOBER 2007 Rev. 1
AP5001S DIODES-AP5001S Datasheet
169Kb / 9P
   PWM CONTROL 1.5A STEP-DOWN CONVERTER
OCTOBER 2007 Rev. 1
AP5002 DIODES-AP5002 Datasheet
250Kb / 10P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP5002 Rev. 6
More results

Similar Description - AP50L02P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com