Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD124411N Datasheet(PDF) 2 Page - Sensitron

Part # SHD124411N
Description  30 VOLT, 45/30 AMP, SCHOTTKY RECTIFIER IN A HERMETIC TO-258 PACKAGE.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD124411N Datasheet(HTML) 2 Page - Sensitron

  SHD124411N Datasheet HTML 1Page - Sensitron SHD124411N Datasheet HTML 2Page - Sensitron SHD124411N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web Site - http://www.sensitron.com E-mail Address - sales@sensitron.com
TECHNICAL DATA
DATA SHEET 745, REV. -
MECHANICAL DIMENSIONS: In Inches / mm
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER/COMMON CATHODE (P)
CATHODE
ANODE 1
ANODE 2
DUAL RECTIFIER/COMMON ANODE (N)
ANODE
CATHODE 1
CATHODE 2
DUAL RECTIFIER DOUBLER (D)
CATHODE/ANODE
ANODE
CATHODE
Note: Vf curves shown are for die only.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Forward Voltage Drop - VF (V)
10-1
100
101
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
10
20
30
40
Reverse Voltage - VR (V)
10-2
10-1
100
101
102
103
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
10
20
30
40
Reverse Voltage - VR (V)
1000
1200
1400
1600
1800
2000
Typical Junction Capacitance
SHD124411
SHD124411P
SHD124411N
SHD124411D
1
2
3
.270
.240
(6.86
6.10)
.045
.035
(1.14
0.89)
.140(3.56) BSC
.550
.530
(13.97
13.46)
.695
.685
(17.65
17.40)
.835
.815
(21.21
20.70)
.707
.697
(17.96
17.70)
1.302
1.202
(33.07
30.53)
.065
.055
(1.65
1.40)
3 Places
.200(5.08) BSC
2 Places
.165
.155
(4.19
3.94)
Dia.
TO-258


Similar Part No. - SHD124411N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124411N SENSITRON-SHD124411N Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - SHD124411N

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SBL3030CT MCC-SBL3030CT Datasheet
112Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 45 Volts
logo
List of Unclassifed Man...
SPS3045 ETC-SPS3045 Datasheet
32Kb / 2P
   30 Amp 45 Volt Power Schottky Center-Tap
logo
Micro Commercial Compon...
MBR6030PT MCC-MBR6030PT Datasheet
109Kb / 2P
   60 Amp Schottky Barrier Rectifier 30 to 45 Volts
MBRB1030CT MCC-MBRB1030CT Datasheet
90Kb / 2P
   10 Amp Schottky Barrier Rectifier 30 to 45 Volts
SBL2030FCT MCC-SBL2030FCT Datasheet
384Kb / 2P
   20 Amp Schottky Barrier Rectifier 30 to 45 Volts
MBRBL3045CT MCC-MBRBL3045CT Datasheet
352Kb / 3P
   30 Amp Schottky Barrier Rectifier 45 Volts
logo
Central Semiconductor C...
CPD76X-1N5818 CENTRAL-CPD76X-1N5818 Datasheet
455Kb / 4P
   Schottky Rectifier Die 1.0 Amp, 30 Volt
R0 14-September 2016
logo
Microsemi Corporation
UPS530 MICROSEMI-UPS530 Datasheet
180Kb / 4P
   SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 30 VOLT
logo
Central Semiconductor C...
CPD77X-CTLSH3-30 CENTRAL-CPD77X-CTLSH3-30 Datasheet
519Kb / 4P
   Schottky Rectifier Die 3.0 Amp, 30 Volt
R0 23-January 2017
logo
Seme LAB
SML1012A258R SEME-LAB-SML1012A258R Datasheet
11Kb / 1P
   FAST RECOVERY EPITAXIAL DIODE IN A HERMETIC TO-258 METAL PACKAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com