Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD124535N Datasheet(PDF) 1 Page - Sensitron

Part # SHD124535N
Description  ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD124535N Datasheet(HTML) 1 Page - Sensitron

  SHD124535N Datasheet HTML 1Page - Sensitron SHD124535N Datasheet HTML 2Page - Sensitron SHD124535N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 762, REV. A
ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
Very Low Voltage Drop
DESCRIPTION: A 150 VOLT, 45 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC TO-258 PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
150
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
IO
45
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t = 8.3ms, Sine) (per leg)
IFSM
200
Amps
MAXIMUM JUNCTION CAPACITANCE (Vr =5V) (per leg)
CT
1500
pF
MAXIMUM THERMAL RESISTANCE (per leg)
R JC
0.60
•C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top/ Tstg
-65 to
+ 175
•C
MAXIMUM JUNCTION TEMPERATURE RANGE
Tjc
-65 to
+200
•C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 45 Amps) (per leg)
TJ = 25
•C
TJ = 125
•C
Vf
1.10
0.92
Volts
MAXIMUM REVERSE CURRENT (Ir @ 150V PIV) (per leg)
TJ = 25
•C
TJ = 125
•C
Ir
1.5
20
mA
SHD124535
SHD124535P
SHD124535N
SHD124535D


Similar Part No. - SHD124535N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124535N SENSITRON-SHD124535N Datasheet
69Kb / 2P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
More results

Similar Description - SHD124535N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124236 SENSITRON-SHD124236 Datasheet
81Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD119136P SENSITRON-SHD119136P Datasheet
87Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD126036 SENSITRON-SHD126036 Datasheet
89Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD120034 SENSITRON-SHD120034 Datasheet
94Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD124536 SENSITRON-SHD124536 Datasheet
80Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD125236 SENSITRON-SHD125236 Datasheet
82Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD120034 SENSITRON-SHD120034_08 Datasheet
65Kb / 3P
   ULTRA LOW REVERSE LEAKAGE POWER SCHOTTKY RECTIFIER
SHD119534 SENSITRON-SHD119534_08 Datasheet
50Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage
SHD115234 SENSITRON-SHD115234_08 Datasheet
50Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage
SHD119534 SENSITRON-SHD119534 Datasheet
93Kb / 4P
   HERMETIC POWER SCHOTTKY RECTIFIER Ultra Low Reverse Leakage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com