Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD125244 Datasheet(PDF) 2 Page - Sensitron

Part # SHD125244
Description  HERMETIC POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD125244 Datasheet(HTML) 2 Page - Sensitron

  SHD125244 Datasheet HTML 1Page - Sensitron SHD125244 Datasheet HTML 2Page - Sensitron SHD125244 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
œ 221 WEST INDUSTRY COURT œ DEER PARK, NY 11729-4681 œ PHONE (631) 586-7600 œ FAX (631) 242-9798 œ
œ World Wide Web Site - http://www.sensitron.com œ E-mail Address - sales@sensitron.com œ
SENSITRON
TECHNICAL DATA
DATA SHEET 254, REV. C
MECHANICAL DIMENSIONS: In Inches / mm
SINGLE
COMMON CATHODE
1
2
3
1
2
3
COMMON ANODE
DOUBLER
1
2
3
3
2
1
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER, COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DOUBLER (D)
ANODE
ANODE/CATHODE
CATHODE
Vf curves shown are for die only.
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Forward Voltage Drop - VF (V)
10-2
10-1
100
101
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
20
40
60
80
100
120
Reverse Voltage - VR (V)
10-4
10-3
10-2
10-1
100
101
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
0
20
40
60
80
100
120
Reverse Voltage - VR (V)
100
200
300
400
Typical Junction Capacitance
SHD125244
SHD125244P
SHD125244N
SHD125244D
1 2 3
.260
.249
(6.60
6.32)
.050
.040
(1.27
1.02)
.150(3.81) BSC
.545
.535
(13.84
13.58)
.545
.535
(13.84
13.60)
.800
.790
(20.32
20.07)
.685
.665
(17.40
16.89)
1.235
1.195
(31.37
30.35)
.045
.035
(1.14
0.89)
3 Places
.150(3.81) BSC
2 Places
.149
.139
(3.78
3.53)
Dia.
TO-254


Similar Part No. - SHD125244

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD125244B SENSITRON-SHD125244B Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD125244DB SENSITRON-SHD125244DB Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD125244NB SENSITRON-SHD125244NB Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
SHD125244PB SENSITRON-SHD125244PB Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 200?C Maximum Operation Temperature
More results

Similar Description - SHD125244

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD118444 SENSITRON-SHD118444 Datasheet
93Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119236 SENSITRON-SHD119236 Datasheet
78Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119434 SENSITRON-SHD119434 Datasheet
76Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD119612 SENSITRON-SHD119612 Datasheet
75Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD130513 SENSITRON-SHD130513 Datasheet
51Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD120234 SENSITRON-SHD120234 Datasheet
83Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD124446 SENSITRON-SHD124446 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125136 SENSITRON-SHD125136 Datasheet
90Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD125612 SENSITRON-SHD125612 Datasheet
77Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD126411 SENSITRON-SHD126411 Datasheet
55Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
SHD116268 SENSITRON-SHD116268 Datasheet
156Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com