Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2852GO Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP2852GO
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2852GO Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP2852GO Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2852GO Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2852GO Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2852GO Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2852GO Datasheet HTML 5Page - Advanced Power Electronics Corp. AP2852GO Datasheet HTML 6Page - Advanced Power Electronics Corp. AP2852GO Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP2852GO
P-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃,ID=-1mA
-
-0.02
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-4A
-
-
50
VGS=-4.5V, ID=-2A
-
-
75
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-4A
-
5
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-30V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=-24V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=±20V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=-4A
-
9
15
nC
Qgs
Gate-Source Charge
VDS=-24V
-
2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
5
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
10
-
ns
tr
Rise Time
ID=-1A
-
6
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=-10V
-
24
-
ns
tf
Fall Time
RD=15Ω
-9
-
ns
Ciss
Input Capacitance
VGS=0V
-
570
910
pF
Coss
Output Capacitance
VDS=-25V
-
180
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
120
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
VSD
Forward On Voltage
2
IS=-1.2A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-4A, VGS=0V
-
22
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
20
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on 1 in
2 copper pad of FR4 board , t <10sec ; 208℃/W when mounted on min. copper pad.


Similar Part No. - AP2852GO

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP2852GO VBSEMI-AP2852GO Datasheet
1Mb / 9P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - AP2852GO

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com