Electronic Components Datasheet Search |
|
15KPJ51C Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
15KPJ51C Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 4 page PAGE . 1 DAT E : 02/08/31 15KP SERIES GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power NOTES: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°Cper Fig. 2.Mounted on Copper Leaf area of 0.79 in2(20mm2). 3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. FEATURES • Plastic package has Underwriters Laboratory Flammability Classification 94V-O • Glass passivated chip junction in P-600 package • 15000W Peak Pulse Power capability on 10/1000µs waveform • Excellent clamping capability • Low incremental surge resistance • Fast response time: typically less than 1.0 ps from 0 volts to BV min • High temperature soldering guaranteed: 300°C/10 seconds/.375",(9.5mm) lead length/5lbs., (2.3kg) tension MECHANICALDATA Case: JEDEC P-600 Molded plastic Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode ) Mounting Position: Any Weight: 0.07 ounce, 2.1 gram DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types Electrical characteristics apply in both directions. MAXIMUMRATINGSANDCHARACTERISTICS Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%. P-600 Unit: inch ( mm ) .360(9.1) .340(8.6) .052(1.3) .048(1.2) DATA SHEET RATING Peak Pulse Power Dissipation on 10/1000µs waveform ( Note 1,FIG. 1) Peak Pulse Current on 10/1000µs waveform ( Note 1,FIG. 3) Steady State Power Dissipation at TL=50°CLead Lengths .375",(9.5mm) (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load(JECED Method) (Note 3) Operating and Storage Temperature Range SYMBOL VALUE UNITS P PPM Minimum 15000 Watts P M (AV) 10 Watts Amps I FSM 400 T J , T STG -55 to +175 °C I PPM SEE TABLE 1 Amps |
Similar Part No. - 15KPJ51C |
|
Similar Description - 15KPJ51C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |