Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4920M Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP4920M
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4920M Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP4920M Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4920M Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4920M Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4920M Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4920M Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4920M Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AP4920M
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Forward Characteristic of
Fig 12. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
10
100
1000
10000
1
5
9
131721
2529
V DS (V)
f=1.0MHz
Ciss
Coss
Crss
0
2
4
6
8
10
12
0
2
4
6
8
1012
1416
1820
Q G , Total Gate Charge (nC)
I D=7A
V DS=15V
0.01
0.10
1.00
10.00
100.00
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
V SD (V)
T j=25
o C
T j=150
o C
0
0.5
1
1.5
2
2.5
3
-50
0
50
100
150
T j ,Junction Temperature (
o C)


Similar Part No. - AP4920M

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4920GM A-POWER-AP4920GM Datasheet
78Kb / 6P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4920GM-HF A-POWER-AP4920GM-HF Datasheet
108Kb / 6P
   Simple Drive Requirement, Low On-resistance
AP4920GM-HF A-POWER-AP4920GM-HF_14 Datasheet
108Kb / 6P
   Simple Drive Requirement
AP4920GM-HF A-POWER-AP4920GM-HF_16 Datasheet
65Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP4920M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com