Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9435GG Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9435GG
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9435GG Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9435GG Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9435GG Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9435GG Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9435GG Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4/4
AP9435GG
100
1000
1
5
9
131721
2529
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + Ta
Rthja=100
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.01
0.1
1
10
100
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
100ms
1s
10s
T A =25
o C
Single Pulse
0
3
6
9
12
0
5
10
15
20
25
Q G , Total Gate Charge (nC)
I D =- 4 A
V DS =-2 5 V
0
5
10
15
20
02
46
-V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =-5V
Q
VG
-4.5V
QGS
QGD
QG
Charge


Similar Part No. - AP9435GG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AP9435GG VBSEMI-AP9435GG Datasheet
985Kb / 8P
   P-Channel 30-V (D-S) MOSFET
logo
Advanced Power Electron...
AP9435GG-HF A-POWER-AP9435GG-HF Datasheet
63Kb / 4P
   Fast Switching Characteristic, Single Drive Requirement
AP9435GG-HF A-POWER-AP9435GG-HF_14 Datasheet
63Kb / 4P
   Fast Switching Characteristic
AP9435GG-HF A-POWER-AP9435GG-HF_16 Datasheet
65Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP9435GG

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com