Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9435GK Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP9435GK
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9435GK Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP9435GK Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9435GK Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9435GK Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9435GK Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP9435GK
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
5
10
15
20
25
30
01
23
45
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
-10V
-8.0V
-6.0V
-5.0V
V G =-4.0V
0
5
10
15
20
25
30
01
23
45
67
-V DS , Drain-to-Source Voltage (V)
T A =150
o C
-10V
-8.0V
-6.0V
-5.0V
V G =-4.0V
0.01
0.10
1.00
10.00
100.00
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
1
2
3
4
-50
0
50
100
150
T j , Junction Temperature (
o C)
30
40
50
60
70
80
90
100
110
3456
789
10
11
-V GS , Gate-to-Source Voltage (V)
I D =5.3A
T A =25
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
V G =10V
I D =-5.3A


Similar Part No. - AP9435GK

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9435GK-HF A-POWER-AP9435GK-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low Gate Charge
logo
VBsemi Electronics Co.,...
AP9435GK-HF VBSEMI-AP9435GK-HF Datasheet
1,001Kb / 8P
   P-Channel 35 V (D-S) MOSFET
logo
Advanced Power Electron...
AP9435GK-HF A-POWER-AP9435GK-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
AP9435GK-HF A-POWER-AP9435GK-HF_16 Datasheet
70Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP9435GK

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com