Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9563GM Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP9563GM
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9563GM Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP9563GM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9563GM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9563GM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9563GM Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP9563GM
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
0
10
20
30
40
50
60
70
80
90
100
02
46
8
10
12
14
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
-10V
-7.0V
-5.0V
-4.5V
V G = -3.0 V
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
-V DS , Drain-to-Source Voltage (V)
T A = 150
o C
-10V
-7.0V
-5.0V
-4.5V
V G = -3.0 V
26
30
34
38
42
46
50
3579
11
-V GS , Gate-to-Source Voltage (V)
I D =-4 A
T A =25
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =-6 A
V G =-10V
0
1
2
3
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
2
4
6
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C


Similar Part No. - AP9563GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9563GM-HF A-POWER-AP9563GM-HF Datasheet
62Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9563GM-HF A-POWER-AP9563GM-HF_14 Datasheet
62Kb / 4P
   Simple Drive Requirement
AP9563GM-HF A-POWER-AP9563GM-HF_16 Datasheet
65Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP9563GM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com