Electronic Components Datasheet Search |
|
AP9926EM-A Datasheet(PDF) 2 Page - Advanced Power Electronics Corp. |
|
AP9926EM-A Datasheet(HTML) 2 Page - Advanced Power Electronics Corp. |
2 / 4 page Electrical Characteristics@Tj=25 oC(unless otherwise specified) Symbol Parameter Test Conditions Min. Typ. Max. Units BVDSS Drain-Source Breakdown Voltage VGS=0V, ID=250uA 16 - - V ΔBV DSS/ΔTj Breakdown Voltage Temperature Coefficient Reference to 25℃, ID=1mA - 0.01 - V/℃ RDS(ON) Static Drain-Source On-Resistance 2 VGS=4.5V, ID=6A - - 27 mΩ VGS=2.5V, ID=5A - - 40 mΩ VGS(th) Gate Threshold Voltage VDS=VGS, ID=250uA - - 1.2 V gfs Forward Transconductance VDS=5V, ID=6A - 13 - S IDSS Drain-Source Leakage Current (Tj=25 oC) VDS=16V, VGS=0V - - 1 uA Drain-Source Leakage Current (Tj=70 oC) VDS=12V ,VGS=0V - - 25 uA IGSS Gate-Source Leakage VGS=±12V - - ±10 uA Qg Total Gate Charge 2 ID=6A - 14 22 nC Qgs Gate-Source Charge VDS=10V - 1.4 - nC Qgd Gate-Drain ("Miller") Charge VGS=4.5V - 7 - nC td(on) Turn-on Delay Time 2 VDS=10V - 10 - ns tr Rise Time ID=1A - 13 - ns td(off) Turn-off Delay Time RG=3.3Ω,VGS=10V - 26 - ns tf Fall Time RD=10Ω -8 - ns Ciss Input Capacitance VGS=0V - 420 670 pF Coss Output Capacitance VDS=16V - 280 - pF Crss Reverse Transfer Capacitance f=1.0MHz - 120 - pF Rg Gate Resistance f=1.0MHz - 3 - Ω Source-Drain Diode Symbol Parameter Test Conditions Min. Typ. Max. Units VSD Forward On Voltage 2 IS=1.7A, VGS=0V - - 1.2 V Notes: 1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board , t <10sec ; 135 ℃/W when mounted on Min. copper pad. AP9926EM-A |
Similar Part No. - AP9926EM-A |
|
Similar Description - AP9926EM-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |