Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9930GM Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP9930GM
Description  2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9930GM Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP9930GM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9930GM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9930GM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9930GM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9930GM Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9930GM Datasheet HTML 6Page - Advanced Power Electronics Corp. AP9930GM Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP9930GM
P-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-30
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃,ID=-1mA
-
-0.04
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-4A
-
-
55
VGS=-4.5V, ID=-2A
-
-
100
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-5A
-
4.8
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-30V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=-24V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=±25V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=-5A
-
7
11
nC
Qgs
Gate-Source Charge
VDS=-15V
-
2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
4
-
nC
td(on)
Turn-on Delay Time
2
VDS=-15V
-
11
-
ns
tr
Rise Time
ID=-1A
-
8
-
ns
td(off)
Turn-off Delay Time
RG=6Ω,VGS=-10V
-
20
-
ns
tf
Fall Time
RD=15Ω
-18
-
ns
Ciss
Input Capacitance
VGS=0V
-
490
790
pF
Coss
Output Capacitance
VDS=-25V
-
190
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
130
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
VSD
Forward On Voltage
2
IS=-1.2A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-1.7A, VGS=0V
-
21
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
15
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on 1 in
2 copper pad of FR4 board , t <10sec ; 186 ℃/W when mounted on Min. copper pad.


Similar Part No. - AP9930GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9930GM-HF A-POWER-AP9930GM-HF Datasheet
91Kb / 7P
   Low On-resistance, Full Bridge Application on LCD Monitor Inverter
logo
SHENZHEN DOINGTER SEMIC...
AP9930GM-HF DOINGTER-AP9930GM-HF Datasheet
1Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench Technology
logo
Advanced Power Electron...
AP9930GM-HF A-POWER-AP9930GM-HF_14 Datasheet
91Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP9930GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9934GM A-POWER-AP9934GM Datasheet
96Kb / 7P
   2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Silicon Standard Corp.
SSM9934GM SSC-SSM9934GM Datasheet
263Kb / 8P
   2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Anachip Corp
AF9903M ANACHIP-AF9903M Datasheet
799Kb / 8P
   2N and 2P-Channel Enhancement Mode Power MOSFET
AF9902M ANACHIP-AF9902M Datasheet
799Kb / 8P
   2N and 2P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC9930Q8 CYSTEKEC-MTC9930Q8 Datasheet
483Kb / 12P
   2N- and 2P-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP9930M A-POWER-AP9930M Datasheet
102Kb / 7P
   2N AND 2P-CHANNEL ENHANCEMENT
logo
Guangdong Youtai Semico...
IRF7311TR UMW-IRF7311TR Datasheet
2Mb / 6P
   30V 2N-Channel Enhancement Mode MOSFET
IRF8313TR UMW-IRF8313TR Datasheet
2Mb / 6P
   30V 2N-Channel Enhancement Mode MOSFET
logo
SamHop Microelectronics...
STM9930A SAMHOP-STM9930A Datasheet
1Mb / 11P
   2N and 2P Channel E nhancement Mode Field Effect Transistor
logo
International Rectifier
IRFG5110 IRF-IRFG5110 Datasheet
394Kb / 12P
   100V, Combination 2N-2P-CHANNEL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com