Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1084S25 Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # APE1084S25
Description  5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1084S25 Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  APE1084S25 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1084S25 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1084S25 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1084S25 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1084S25 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1084S25 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1084S25 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1084S25 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1084S25 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
APE1084
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Advanced Power Electronics Corp.
www.a-power.com.tw
5/1
0
Pb Free Plating Product
Functional Description
Introduction
The APE1084 adjustable Low Dropout (LDO) regulator
is a 3 terminal device that can easily be programmed
with the addition of two external resistors to any
voltages within the range of 1.25V to Vin-1.4V. The
APE1084 only needs 1.4V differential between Vin
and Vout to maintain output regulation. In addition, the
output voltage tolerances are also extremely tight and
they include the transient response as part of the
specification. For example, Intel VRE specification
calls for a total of +/- 100mV including initial tolerance,
load regulation and 0 to 5.0A load step.
The APE1084 is specifically designed to meet the fast
current transient needs as well as providing an
accurate initial voltage, reducing the overall system
cost with the need for fewer output capacitors.
Output Voltage Setting
The APE1084 can be programmed to any voltages in
the range of 1.25V to Vin-1.4V with the addition of R1
and R2 external resistors according to the following
formula:
Vout = Vref (1+ R2/R1) +Iadj *R2 , where Vref = 1.25 typically, Iadj =
55uA typically R1&R2 as shown at below
APE1084
Vin
Vout
Vref
Adj
R1
R2
Iadj=55uA
The APE1084 keeps a constant 1.25V between the
output pin and the adjust pin. By placing a resistor R1
across these two pins a constant current flows through
R1, adding to the Iadj current and into the R2 resistor
producing a voltage equal to the (1.25/R1)*R2+Iadj*R2
which will be added to the 1.25V to set the output
voltage. This is summarized in the above equation.
Since the minimum load current requirement of the
APE1084 is 10mA, R1 is typically selected to be 121Ω
resistor so that it automatically satisfies the minimum
current requirement. Notice that since Iadj is typically
in the range of 55uA it only adds a small error to the
output voltage and should only be considered when a
very precise output voltage setting is required. For
example, in a typical 3.3V application where R1=121Ω
and R2=200Ω the error due to Iadj is only 0.3% of the
nominal set point.
Load Regulation
Since the APE1084 is only a 3 terminal device, it is not
possible to provide true remote sensing of the output
voltage at the load. The best load regulation is
achieved when the bottom side of R2 is connected to
the load and the top-side of R1 resistor is connected
directly to the case or the Vout pin of the regulator and
not to the load. It is important to note that for high
current applications, this can re-present a significant
percentage of
the overall load regulation and one must keep the path
from the regulator to the load as short as possible to
minimize this effect.
Stability
The APE1084 requires the use of an output capacitor
as part of the frequency compensation in order to
make the regulator stable. For most applications a
minimum of 10uF aluminum electrolytic capacitor
insures both stability and good transient response.
Thermal Design
The APE1084 incorporates an internal thermal
shutdown that protects the device when the junction
temperature exceeds the maximum allowable junction
temperature. Although this device can operate with
junction temperatures in the range of 150
oC, it is
recommended that the selected heat sink be chosen
such that during maximum continuous load operation
the junction temperature is kept below the temperature.
Layout Consideration
The output capacitors must be located as close to the
Vout terminal of the device as possible. It is
recommended to use a section of a layer of the PC
board as a plane to connect the Vout pin to the output
capacitors to prevent any high frequency oscillation
that may result due to excessive trace inductance.


Similar Part No. - APE1084S25

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084_10 Datasheet
267Kb / 9P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - APE1084S25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com