Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXE010S Datasheet(PDF) 1 Page - Tyco Electronics

Part # RXE010S
Description  Poly Switch PTC DEVICES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RXE010S Datasheet(HTML) 1 Page - Tyco Electronics

  RXE010S Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tyco/Electronics
Raychem Circuit Protection
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
Fax: 800-227-4866
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: RXE010S
DOCUMENT: SCD 23913
PCN: 338893
REV LETTER: E
REV DATE: AUGUST 20, 2001
PAGE NO.: 1 OF 1
Specification Status:
RELEASED
Electrical Rating
Voltage: 60V MAX
Current: 40A MAX
Insulating Material:
Cured, Flame Retarded Epoxy Polymer
meets UL94 V-0 Requirements
Lead Material:
24 AWG Solder coated nickel-copper alloy
Marking:
Voltage
60
Lot Identification
(can be on back)
Part Identification
X 01 0
TABLE I. DIMENSIONS:
A
B
C
D
E
F
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
TYP
mm:
--
8.9
--
11.2
4.3
5.8
7.6
--
--
3.0
--
in*:
--
(0.35)
--
(0.44)
(0.17)
(0.23)
(0.30)
--
--
(0.12)
--
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
I H
RATED
CURRENT
CURRENT RATINGS
TIME TO
TRIP
INITIAL
RESISTANCE
VALUES
ONE-HOUR POST-TRIP
RESISTANCE
STANDARD TRIP
NOMINAL
TRIPPED STATE
POWER DISSIPATION
AMPERES
20°C
AMPERES
AT 0°C
AMPERES
AT 20°C
AMPERES
AT 60°C
SECONDS AT
20°C, 0.5A
OHMS
AT 20°C
OHMS
AT 20°C
WATTS AT
20°C
HOLD
HOLD
TRIP
HOLD
TRIP
HOLD
TRIP
MAX
MIN
MAX
MAX
NOMINAL
.10
.11
.22
.10
.20
.07
.14
4.0
2.50
4.50
7.5
.38
Recognitions:
UL, CSA and TUV approved.
Approved by UL as a current limiting impedance, per the 1996 NEC, Tables 11 (c) and 11 (b).
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.


Similar Part No. - RXE010S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RXE010S ETC2-RXE010S Datasheet
110Kb / 12P
   PolySwitch RXE device
More results

Similar Description - RXE010S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RHE600 MACOM-RHE600 Datasheet
114Kb / 1P
   Poly Switch PTC DEVICES
RHE750 MACOM-RHE750 Datasheet
110Kb / 1P
   Poly Switch PTC DEVICES
RXE005 MACOM-RXE005 Datasheet
89Kb / 1P
   Poly Switch PTC DEVICES
RXE050 MACOM-RXE050 Datasheet
19Kb / 1P
   Poly Switch PTC DEVICES
RHE400 MACOM-RHE400 Datasheet
124Kb / 2P
   Poly Switch PTC DEVICES
RHE1000 MACOM-RHE1000 Datasheet
134Kb / 1P
   Poly Switch PTC DEVICES
RTE120 MACOM-RTE120 Datasheet
79Kb / 1P
   Poly Switch PTC DEVICES
logo
List of Unclassifed Man...
RTE135 ETC1-RTE135 Datasheet
86Kb / 1P
   Poly Switch PTC DEVICES
logo
Tyco Electronics
RHE1500 MACOM-RHE1500 Datasheet
38Kb / 1P
   Poly Switch PTC DEVICES
logo
List of Unclassifed Man...
RUE250U ETC1-RUE250U Datasheet
18Kb / 1P
   Poly Switch PTC DEVICES
logo
Tyco Electronics
RUSB155 MACOM-RUSB155 Datasheet
86Kb / 1P
   Poly Switch PTC DEVICES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com