Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66335FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M66335FP
Description  FACSIMILE IMAGE DATA PROCESSOR
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66335FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M66335FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M66335FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66335FP
FACSIMILE IMAGE DATA PROCESSOR
4
Item
Power
supply
GND
Sensor signal
input part
Gain
control
circuit
Black level
clamping
circuit
A/D
converter
Pin name
AVCC
DVCC
AGND
DGND
AIN
C1, C2
LEVAJ
GCAO
BCMI
BCMV
BCMO
Vri+
Vri–
ADIN
VWL
VBL
Input/output
Input
Input
Input
Output
Input
Input
Output
Input
Input
Input
Output
Output
Function
Analog power supply pin (rated supply voltage: 5V)
Digital power supply pin (rated supply voltage: 5V)
Analog ground pin
Digital ground pin
Pin to input analog signals output from CCD or CIS (Signals from CCD are input through
capacity coupling and those from CIS, with no clamping levels, are input directly.)
Pin to control the frequency characteristic of the gain control circuit
Pin to control the DC level of output signals of the gain control circuit.
The output voltage, VGCAO, is obtained by the following equation:
VGCAO = VLEVAJ + GV
× VIN,
where,
VLEVAJ: voltage at LEVAJ
VIN: input signal
GV: gain of the gain control circuit
VIN is the signal element corresponding to the signal level clamped through the input clamping
circuit for CCD·CIS3 input or to the GND level for CIS1·CIS2 input.
Signal output pin of the gain control circuit
Signal input pin to the black clamping circuit. Use this with capacity coupling with the GCAO pin.
Pin to set the black level clamping voltage. Sets the black level of signals output from the BCMO
pin for CCD signal processing.
Signal output pin of the black level clamping circuit
Output of the circuit to generate the A/D full-scale point reference voltage (3.8V). Connected
with VWL through the buffer inside the IC. To change the A/D reference voltage range, input a
DC voltage from this pin.
Output of the circuit to generate the A/D zero point reference voltage (1.8V). Connected with
VBL through the buffer inside the IC. To change the A/D reference voltage range, input a DC
voltage from this pin.
Signal input pin to the A/D converting circuit. Use this by connecting with the BCMO pin for CCD
or with the GCAO pin for CIS. Input signals in the voltage range (1.8V to 3.8V) set through VWL
and VBL.
Output of the circuit generating the A/D full-scale reference voltage (3.8V). Connected inside the
IC with the A/D converter.
Output of the circuit generating the A/D zero point reference voltage (1.8V). Connected inside
the IC with the A/D converter.
DESCRIPTION OF ANALOG PIN FUNCTIONS (Cont.)


Similar Part No. - M66335FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
More results

Similar Description - M66335FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66333FP MITSUBISHI-M66333FP Datasheet
1Mb / 51P
   FACSIMILE IMAGE DATA PROCESSOR
logo
Renesas Technology Corp
M66335FP RENESAS-M66335FP Datasheet
577Kb / 59P
   Facsimile Image Data Processor
logo
Mitsubishi Electric Sem...
M66332FP MITSUBISHI-M66332FP Datasheet
336Kb / 43P
   FACSIMILE IMAGE DATA PROCESSOR
logo
Sanyo Semicon Device
LC8213 SANYO-LC8213 Datasheet
252Kb / 12P
   Image Data Compression/Expansion Processor
LC8213K SANYO-LC8213K Datasheet
56Kb / 5P
   Image Data Compression/Expansion Processor
LC821031 SANYO-LC821031 Datasheet
68Kb / 5P
   Image-Processing IC for Facsimile, Copier, and OCR Products
LC82103 SANYO-LC82103 Datasheet
74Kb / 5P
   Image-Processing LSI for Facsimile, Copier, and OCR Applications
logo
Zoran Corporation
PM-22 ZORAN-PM-22 Datasheet
67Kb / 2P
   Multifunction Image Processor
PM-36 ZORAN-PM-36 Datasheet
67Kb / 2P
   JPEG Image Processor
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
   Video Image Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com