Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMH600 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # SMH600
Description  6.00mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

SMH600 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  SMH600 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6.00mm (0.236")PITCHCONNECTOR
I/NO
TITLE
DESCRIPTION
MATERIAL
1
SMH600-04P
HOUSING
PA66, PP, UL94 V Grade
Material
SMH600 Series
Wire-to-Board
Housing
ITEM
SPEC
Contact Resistance
Current Rating
Operating Temperature
Voltage Rating
AC/DC 250V
30mΩ MAX
Withstanding Voltage
AC1500V/1min
Insulation Resistance
1000MΩ MIN
Applicable P.C.B
-
Applicable Wire
AWG #14~#22
Applicable FPC/FFC
-
-
Solder Height
Crimp Tensile Strength
-
UL FILE NO
-
AC/DC 15A
-25℃~+85℃
Specification
Application Terminal : SMT 603, SMT603L (219 page)
TERMINAL ASSEMBLY DRAWING
AWG #14 ~ #22
6.0
6.6
12.9
11.6
20.4
1.5
14.0


Similar Part No. - SMH600

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SMH600 XPPOWER-SMH600 Datasheet
724Kb / 6P
   AC-DC Power Supplies
logo
YEONHO ELECTRONICS
SMH600-04B YEONHO-SMH600-04B Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
SMH600-NNB YEONHO-SMH600-NNB Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
logo
XP Power Limited
SMH600PD0512 XPPOWER-SMH600PD0512 Datasheet
724Kb / 6P
   AC-DC Power Supplies
SMH600PD0524 XPPOWER-SMH600PD0524 Datasheet
724Kb / 6P
   AC-DC Power Supplies
More results

Similar Description - SMH600

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
SMT603B-L YEONHO-SMT603B-L Datasheet
211Kb / 1P
   6.00mm PITCH CONNECTOR
SMT603 YEONHO-SMT603 Datasheet
172Kb / 1P
   6.00mm PITCH CONNECTOR
SMW600 YEONHO-SMW600 Datasheet
197Kb / 1P
   6.00mm PITCH CONNECTOR
SMH600-NNB YEONHO-SMH600-NNB Datasheet
220Kb / 1P
   6.00mm PITCH CONNECTOR
logo
Molex Electronics Ltd.
0359610250 MOLEX5-0359610250 Datasheet
84Kb / 2P
   6.00mm (.236") Pitch MP-Lock??Housing, 2 Circuits
0351280400 MOLEX4-0351280400 Datasheet
121Kb / 2P
   6.00mm (.236") Pitch Wire-to-Wire Female Housing
0982731004 MOLEX1-0982731004 Datasheet
46Kb / 1P
   3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
0982731001 MOLEX1-0982731001 Datasheet
45Kb / 1P
   3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
98273-1002 MOLEX11-98273-1002 Datasheet
45Kb / 1P
   3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
0982731005 MOLEX1-0982731005 Datasheet
37Kb / 1P
   3.33mm / 6.00mm Pitch Hybrid Inline Female Housing, Right Slide Orientation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com