Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD126046N Datasheet(PDF) 1 Page - Sensitron

Part # SHD126046N
Description  VERY LOW VOLTAGE DROP HERMETIC POWER SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126046N Datasheet(HTML) 1 Page - Sensitron

  SHD126046N Datasheet HTML 1Page - Sensitron SHD126046N Datasheet HTML 2Page - Sensitron SHD126046N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
221 WEST INDUSTRY COURT DEER PARK, NY 11729-4681 PHONE (631) 586-7600 FAX (631) 242-9798
World Wide Web - http://www.sensitron.com E-mail Address - sales@sensitron.com
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 395, REV. B
VERY LOW VOLTAGE DROP
HERMETIC POWER SCHOTTKY RECTIFIER
200
•C Maximum Operation Temperature
DESCRIPTION: 200 VOLT, 3.0 AMP, POWER SCHOTTKY RECTIFIER IN A HERMETIC TO-257 PACKAGE.
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25 C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
200
Volts
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
(per leg) Single Rectifier and Doubler (D)
IO
3.0
Amps
MAXIMUM DC OUTPUT CURRENT (With Cathode Maintained @ TC=100
OC)
(per package) for Common Cathode (P) and Common Anode (N)
IO
6.0
Amps
MAXIMUM NONREPETITIVE FORWARD SURGE CURRENT
(t = 8.3ms, Sine) (per leg)
IFSM
55
Amps
MAXIMUM JUNCTION CAPACITANCE (Vr =5V) (per leg)
CT
60
pF
MAXIMUM THERMAL RESISTANCE (Junction to Case) (per leg)
R JC
9.2
•C/W
MAXIMUM OPERATING/JUNCTION TEMPERATURE RANGE
Top
-65 to
+ 200
•C
MAXIMUM STORAGE TEMPERATURE RANGE
Tstg
-65 to
+ 175
•C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
MAXIMUM FORWARD VOLTAGE DROP, Pulsed (If = 3.0 Amps) (per leg)
TJ = 25
•C
TJ = 125
•C
Vf
1.02
0.86
Volts
MAXIMUM REVERSE CURRENT (Ir @ 200V PIV) (per leg)
TJ = 25
•C
TJ = 125
•C
Ir
0.07
1.6
mA
REVERSE RECOVERY TIME
trr
9.0
ns
SHD126046
SHD126046P
SHD126046N
SHD126046D


Similar Part No. - SHD126046N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126044 SENSITRON-SHD126044 Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
SHD126044D SENSITRON-SHD126044D Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
SHD126044N SENSITRON-SHD126044N Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
SHD126044P SENSITRON-SHD126044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
More results

Similar Description - SHD126046N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD120012 SENSITRON-SHD120012_08 Datasheet
47Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD115524 SENSITRON-SHD115524 Datasheet
150Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116012 SENSITRON-SHD116012 Datasheet
155Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116112 SENSITRON-SHD116112_08 Datasheet
41Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD120012P SENSITRON-SHD120012P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD115524 SENSITRON-SHD115524_11 Datasheet
60Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD116012 SENSITRON-SHD116012_11 Datasheet
92Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Voltage Drop
SHD124511 SENSITRON-SHD124511 Datasheet
52Kb / 3P
   VERY LOW DROP HERMETIC POWER SCHOTTKY RECTIFIER
SHD119512 SENSITRON-SHD119512_11 Datasheet
58Kb / 2P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
SHD126446 SENSITRON-SHD126446 Datasheet
43Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Very Low Forward Voltage Drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com