Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU405D Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STU405D
Description  Dual E nhancement Mode Field Effect Transistor (N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU405D Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button STU405D Datasheet HTML 2Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 9Page - SamHop Microelectronics Corp. STU405D Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
F igure 12. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
100
10
0.5
0.1
1
1
10
30
60
VGS =10V
S ingle P ulse
Tc=25 C
R
DS
(O
N)
Lim
it
DC
1s
100
ms
10m
s
1m
s
80
F igure 10. G ate C harge
Qg, T otal G ate C harge (nC )
10
8
6
4
2
0
0
3
6
9
12 15
18
21 24
VDS=28V
ID=8A
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
1200
1000
800
600
400
200
0
C iss
C oss
C rss
F igure 11.s witching characteris tics
R g, G ate R esistance (
W)
100
10
1
1
6 10
60 100
60
600
300
200
T D(on)
T D(off)
T r
T f
V DS =20V ,ID=1A
V G S =10V
6
S T U405D
S quare Wave P ulse Duration (sec)
F igure 13. Normalized T hermal T ransient Impedance C urve
2
1
0.1
0.01
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
D=0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
1. R θJA (t)=r (t) * R θJA
2. R θJA=S ee Datasheet
3. T JM-T A = P DM* R θJA (t)
4. Duty C ycle, D=t1/t2
S ING LE P ULS E


Similar Part No. - STU405D

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU405DH SAMHOP-STU405DH Datasheet
120Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - STU405D

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8402 SAMHOP-STM8402 Datasheet
935Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8501 SAMHOP-STM8501 Datasheet
832Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8303 SAMHOP-STM8303 Datasheet
976Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8306 SAMHOP-STM8306 Datasheet
781Kb / 11P
   Dual E nhancement Mode Field Effect Transistor ( N and P Channel)
STM8403 SAMHOP-STM8403 Datasheet
843Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STU404D SAMHOP-STU404D Datasheet
951Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8305 SAMHOP-STM8305 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8358S SAMHOP-STM8358S Datasheet
815Kb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8500 SAMHOP-STM8500 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8450A SAMHOP-STM8450A Datasheet
1Mb / 11P
   Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com