Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD1855PLS Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STD1855PLS
Description  P-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD1855PLS Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STD1855PLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STD1855PLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STD1855PLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STD1855PLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STD1855PLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STD1855PLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STD1855PLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STD1855PLS Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2
1
0.1
0.01
S quare Wave P ulse Duration (sec)
F igure 13. Normalized T hermal T ransient Impedance C urve
5
Duty C ycle=0.5
0.2
0.1
0.05
0.02
S ingle P ulse
10
-4
10
-3
10
-2
10
-1
1
10
100
PDM
t1
t2
1. R qJA (t)=r (t) * R qJA
2. R qJA=S ee Datasheet
3. T JM-T A = P DM* R qJA (t)
4. Duty C ycle, D=t1/t2
Figure 11. Switching Test Circuit
Figure 12. Switching Waveforms
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
6
S TU/D1855PLS
INVERTED
V DD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L


Similar Part No. - STD1855PLS

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STD1855PL SAMHOP-STD1855PL Datasheet
879Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STD1855PL VBSEMI-STD1855PL Datasheet
998Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - STD1855PLS

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2307A SAMHOP-STS2307A Datasheet
718Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STU1855PL SAMHOP-STU1855PL Datasheet
879Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STU2455PLS SAMHOP-STU2455PLS Datasheet
792Kb / 9P
   P-Channel E nhancement Mode Field Effect Transistor
STM4433A SAMHOP-STM4433A Datasheet
659Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STS3405 SAMHOP-STS3405 Datasheet
826Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STU1255PL SAMHOP-STU1255PL Datasheet
878Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STC2201 SAMHOP-STC2201 Datasheet
722Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STM4439A SAMHOP-STM4439A Datasheet
655Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STS2301 SAMHOP-STS2301 Datasheet
593Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STM9433 SAMHOP-STM9433 Datasheet
653Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com