Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2240NL Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STD2240NL
Description  N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD2240NL Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STD2240NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
S TU/D2240NL
F igure 5. G ate T hres hold V ariation
with T emperature
F igure 6. B reakdown V oltage V ariation
with T emperature
F igure 7. T rans conductance V ariation
with Drain C urrent
IDS , Drain-S ource C urrent (A)
F igure 9. G ate C harge
Qg, T otal G ate C harge (nC )
F igure 10. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
4
6
20.0
10.0
1.0
0.4
0.6
0.8
1.0
1.2
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50 -25
0
25
50
75 100 125 150
V DS =V GS
ID=250uA
-50 -25
0
25 50
75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
12
9
6
3
15
18
0
0
5
10
15
20
V DS =10V
10
8
6
4
2
0
0
3
6
9
12 15
18
21 24
VDS=20V
ID=10A
60
10
1 1
0.1
0.03
0.1
1
10
50 60
10m
s
100
ms
1s
DC
VGS=10V
S ingle P ulse
TA=25 C
R DS(O
N) Li
mit


Similar Part No. - STD2240NL

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD220BLK VCC-STD220BLK Datasheet
67Kb / 1P
   STD
logo
Shanghai Leiditech Elec...
STD22A12L01 LEIDITECH-STD22A12L01 Datasheet
1Mb / 4P
   1-Line High Power TVS Diode
Rev 2.0 : 12.01.2019
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STD22NM20NT4 STMICROELECTRONICS-STD22NM20NT4 Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
More results

Similar Description - STD2240NL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM9410A SAMHOP-STM9410A Datasheet
729Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STS2302S SAMHOP-STS2302S Datasheet
806Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS3402 SAMHOP-STS3402 Datasheet
718Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com