Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2455PLS Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STD2455PLS
Description  P-Channel E nhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD2455PLS Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STD2455PLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STD2455PLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-55
V
Zero Gate Voltage Drain Current
IDSS
VDS -44V, VGS 0V
=
=
-1
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS a
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
-1
-3
V
Drain-Source On-State R esistance
R DS(ON)
VGS -10V, ID -10A
VGS -4.5V, ID - 6A
On-State Drain Current
ID(ON)
VDS = -10V, VGS = -10V
A
S
Forward Transconductance
FS
g
VDS -10V, ID -10A
DYNAMIC CHAR ACTER ISTICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-30V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
b
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = -30V
ID = -1 A
VGS = -10V
R GEN = 6 ohm
ns
ns
ns
ns
Total Gate Charge (10V)
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-30V, ID = -10A
VGS =-10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
2
5
uA
m ohm
m ohm
nC
-24
125
185
1730
31
35
127
25
21
7
3.5
13.5
16
ohm
R g
Gate resistance
VGS =0V, VDS = 0V, f=1.0MHZ
1.7
S TU/D2455P LS
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
Total Gate Charge (4.5V)
-1.7
33
42
55
42


Similar Part No. - STD2455PLS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
STD24-Applicator MACOM-STD24-Applicator Datasheet
5Mb / 85P
   tyco electronics contents
logo
Visual Communications C...
STD240BLK VCC-STD240BLK Datasheet
67Kb / 1P
   STD
logo
ON Semiconductor
STD24N06L ONSEMI-STD24N06L Datasheet
122Kb / 7P
   Power MOSFET
September, 2014 ??Rev. 4
STD24N06LT4G ONSEMI-STD24N06LT4G Datasheet
122Kb / 7P
   Power MOSFET
September, 2014 ??Rev. 4
logo
Tyco Electronics
STD24W MACOM-STD24W Datasheet
5Mb / 85P
   tyco electronics contents
More results

Similar Description - STD2455PLS

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS2307A SAMHOP-STS2307A Datasheet
718Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STU1855PLS SAMHOP-STU1855PLS Datasheet
704Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STU1855PL SAMHOP-STU1855PL Datasheet
879Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STM4433A SAMHOP-STM4433A Datasheet
659Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STS3405 SAMHOP-STS3405 Datasheet
826Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STU1255PL SAMHOP-STU1255PL Datasheet
878Kb / 8P
   P-Channel E nhancement Mode Field Effect Transistor
STC2201 SAMHOP-STC2201 Datasheet
722Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STM4439A SAMHOP-STM4439A Datasheet
655Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STS2301 SAMHOP-STS2301 Datasheet
593Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
STM9433 SAMHOP-STM9433 Datasheet
653Kb / 7P
   P-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com