Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD2640NL Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STD2640NL
Description  N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD2640NL Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STD2640NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD2640NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Parameter
S ymbol
Condition
Min Typ Max Unit
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS
Diode Forward Voltage
VSD
VGS = 0V, Is = 15A
1.3
V
a
Notes
b.Guaranteed by design, not subject to production testing.
a.Pulse Test:Pulse Width 300us, Duty Cycle 2%.
F igure 2. Transfer C haracteristics
F igure 4. On-R esistance Variation with
Drain C urrent and Temperature
F igure 3. C apacitance
V DS , Drain-to S ource Voltage (V )
V GS , G ate-to-S ource Voltage (V )
3
S TU/D2240NL
0
5
10
15
20
25
30
1800
1500
1200
900
600
300
0
-55 C
25 C
20
15
10
5
0
0
0.8
2.4
3.2
4.0
4.8
T j=125 C
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-55
-25
0
25
125
C iss
C oss
C rss
0.92
T j( C )
100
50
75
V GS =10V
ID=10A
T j, J unction T emperature ( C )
F igure 1. Output C haracteristics
V DS , Drain-to-S ource Voltage (V )
20
16
12
8
4
0
0
0.5
1
1.5
2
2.5
3
V GS =10,9,8,7,6V
V GS =3V
V GS =4V
V GS =5V
1.6
V GS =4.5V
V GS =3.5V


Similar Part No. - STD2640NL

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD260BLK VCC-STD260BLK Datasheet
67Kb / 1P
   STD
logo
STMicroelectronics
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
   N-channel 100V - 0.033廓 - 25A - DPAK Low gate charge STripFET??II Power MOSFET
logo
VBsemi Electronics Co.,...
STD26NF10T4 VBSEMI-STD26NF10T4 Datasheet
983Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
More results

Similar Description - STD2640NL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM9410A SAMHOP-STM9410A Datasheet
729Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STS2302S SAMHOP-STS2302S Datasheet
806Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS3402 SAMHOP-STS3402 Datasheet
718Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com