Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD6025NL Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STD6025NL
Description  N-Channel Logic Level E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD6025NL Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STD6025NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD6025NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD6025NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD6025NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD6025NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD6025NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD6025NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD6025NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
E LE CTR ICAL CHAR ACTE R IS TICS (TA 25 C unless otherwise noted)
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
30
V
Zero Gate Voltage Drain Current
IDSS
VDS 24V, VGS 0V
=
=
1
uA
Gate-Body Leakage
IGSS
VGS
20V, VDS 0V
=
=
nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
1
3
V
Drain-Source On-State R esistance
R DS(ON)
VGS 10V, ID 14A
7
VGS 4.5V, ID 10A
10
On-State Drain Current
ID(ON)
VDS = 10V, VGS = 10V
85
24.5
A
S
Forward Transconductance
FS
g
VDS 10V, ID 14A
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =15V, VGS = 0V
f =1.0MHZ
3270
P
F
590
P
F
P
F
420
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 15V
ID = 1A
VGS = 10V
R GEN = 6
37.3
ns
ns
ns
ns
65.6
44.5
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =15V, ID =14A
VGS =10V
59.6
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
2
5
94.7
8.5
12.6
m ohm
m ohm
ohm
nC
VDS =15V, ID =14A,VGS =10V
VDS =15V, ID =14A,VGS =4.5V
28.3
100
S T U/D6025NL
1.6
5.5
8


Similar Part No. - STD6025NL

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD6025NL VBSEMI-STD6025NL Datasheet
996Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
SamHop Microelectronics...
STD6025NLS SAMHOP-STD6025NLS Datasheet
790Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STD6025NLS VBSEMI-STD6025NLS Datasheet
996Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD6025NL

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU3030NLS SAMHOP-STU3030NLS Datasheet
825Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NL SAMHOP-STU3525NL Datasheet
888Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP75N03L SAMHOP-SDP75N03L Datasheet
494Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
SDP85N03L SAMHOP-SDP85N03L Datasheet
533Kb / 6P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU6025NLS SAMHOP-STU6025NLS Datasheet
790Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU4530NLS SAMHOP-STU4530NLS Datasheet
944Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU5025NLS SAMHOP-STU5025NLS Datasheet
791Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3030NL SAMHOP-STU3030NL Datasheet
826Kb / 8P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STU3525NLS SAMHOP-STU3525NLS Datasheet
850Kb / 9P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
STP3055L2 SAMHOP-STP3055L2 Datasheet
676Kb / 7P
   N-Channel Logic Level E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com