Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD444104 Datasheet(PDF) 2 Page - Sensitron

Part # SHD444104
Description  SMALL SIGNAL TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD444104 Datasheet(HTML) 2 Page - Sensitron

  SHD444104 Datasheet HTML 1Page - Sensitron SHD444104 Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798•
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SHD444104
DATASHEET 726, REVISION -
RATING
CONDITIONS
MIN.
TYP.
MAX.
UNITS
SMALL-SIGNAL CHARACTERISTICS (Contiued)
Input Capacitance
(Cibo)
VEB = 0.5 Vdc, IC = 0,
f = 1.0 MHz
-
-
80
pF
Delay Time
(td)
(IC = 150 mAdc, IB1 = 15
mAdc, VCC =100Vdc,
VBE(off) =-2.0Vdc)
-
20
-
ns
Rise Time
(tr)
(IC = 150 mAdc, IB1 = 15
mAdc, VCC =100Vdc,
VBE(off) =-2.0Vdc)
-
35
-
ns
Storage Time
(ts)
(IC = 150 mAdc, IB1 = IB2 =
15 mAdc, VCC =100Vdc)
-
800
-
ns
Fall Time
(tf)
(IC = 150 mAdc, IB1 = IB2 =
15 mAdc, VCC =100Vdc)
-
80
-
ns
(1) Pulsed. Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%.
(2) fT = IhfeI • ftest
MECHANICAL DIMENSIONS - in inches / mm
PIN 1 - COLLECTOR 1
PIN 2 - EMITTER
PIN 3 - BASE
PIN 4 – NO CONNECTION
LCC-4
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the
datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical
equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of users’
fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of
the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any
other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at
a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron
Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder
maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When
exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.
.225
.215
(5.71
5.46)
Pin 1 Identifier
1
4
2
3
.225 (5.71)
Max
.155 (3.93)
Max
.155
.145
(3.93
3.68)
.075
.061
(1.90
1.55)
.044
.029
(1.12
.74)
.022
.006
(.56
.15)
.007
.003
(.18
.08)
.048
.032
(1.22
.81)
.088
.072
(2.23
1.83)
.055
.045
(1.39
1.14)
.028
.022
(.71
.56)
See
Detail A
Detail A


Similar Part No. - SHD444104

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
More results

Similar Description - SHD444104

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD446010 SENSITRON-SHD446010 Datasheet
37Kb / 2P
   SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
   SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
   SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
   SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
   Small Signal Transistor
logo
Isahaya Electronics Cor...
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
   SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
   SMALL-SIGNAL TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com