Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD126168 Datasheet(PDF) 2 Page - Sensitron

Part # SHD126168
Description  SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 100?C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126168 Datasheet(HTML) 2 Page - Sensitron

  SHD126168 Datasheet HTML 1Page - Sensitron SHD126168 Datasheet HTML 2Page - Sensitron SHD126168 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
œ 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 œ
œ World Wide Web - http://www.sensitron.com œ E-Mail Address - sales@sensitron.com œ
TECHNICAL DATA
DATA SHEET 4779, REV. A
Mechanical Dimensions: In Inches / mm
1 2 3
.200
.190
(5.08
4.82)
.045
.035
(1.14
0.89)
.120(3.05) BSC
.430
.410
(10.92
10.41)
.420
.410
(10.67
10.41)
.665
.645
(16.89
16.38)
.537
.527
(13.64
13.39)
1.132
1.032
(28.75
26.21)
.035
.025
(0.89
0.63)
3 Places
.100(2.54) BSC
2 Places
.150
.140
(3.81
3.56)
Dia.
TO-257
DEVICE TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DOUBLER (D)
ANODE
CATHODE / ANODE
CATHODE
SHD126168
SHD126168D
SHD126168N
SHD126168P
0.0
0.1
0.2
0.3
0.4
Forward Voltage Drop - VF (V)
10-2
10-1
100
101
Typical Forward Characteristics
75°C
100 °C
25 °C
0
2
4
6
8
10
12
14
16
Reverse Voltage - VR (V)
10-1
100
101
102
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
2
4
6
8
10
12
14
16
Reverse Voltage - VR (V)
300
350
400
450
500
550
600
Typical Junction Capacitance
25 °C


Similar Part No. - SHD126168

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126111 SENSITRON-SHD126111 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126111D SENSITRON-SHD126111D Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126111N SENSITRON-SHD126111N Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126111P SENSITRON-SHD126111P Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
SHD126112 SENSITRON-SHD126112 Datasheet
85Kb / 3P
   SCHOTTKY RECTIFIER
More results

Similar Description - SHD126168

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126268 SENSITRON-SHD126268 Datasheet
83Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 100?C Operating Temperature
SHD126468 SENSITRON-SHD126468 Datasheet
79Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 100?C Operating Temperature
logo
Semtech Corporation
SHD126422 SEMTECH-SHD126422 Datasheet
80Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175?C Operating Temperature
logo
Sensitron
SHD126412 SENSITRON-SHD126412 Datasheet
80Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150?C Operating Temperature
SHD126445 SENSITRON-SHD126445 Datasheet
81Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175?C Operating Temperature
SHD126213D SENSITRON-SHD126213D Datasheet
80Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150?C Operating Temperature
SHD126246 SENSITRON-SHD126246 Datasheet
83Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200?C Operating Temperature
SHD126444 SENSITRON-SHD126444 Datasheet
81Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200?C Operating Temperature
SHD126423 SENSITRON-SHD126423 Datasheet
59Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175?C Operating Temperature
SHD126436 SENSITRON-SHD126436 Datasheet
82Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200?C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com