Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD126213N Datasheet(PDF) 2 Page - Sensitron

Part # SHD126213N
Description  SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150?C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126213N Datasheet(HTML) 2 Page - Sensitron

  SHD126213N Datasheet HTML 1Page - Sensitron SHD126213N Datasheet HTML 2Page - Sensitron SHD126213N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
œ 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 œ
œ World Wide Web - http://www.sensitron.com œ E-Mail Address - sales@sensitron.com œ
TECHNICAL DATA
DATA SHEET 4780, REV. A
Mechanical Dimensions: In Inches / mm
1 2 3
.200
.190
(5.08
4.82)
.045
.035
(1.14
0.89)
.120(3.05) BSC
.430
.410
(10.92
10.41)
.420
.410
(10.67
10.41)
.665
.645
(16.89
16.38)
.537
.527
(13.64
13.39)
1.132
1.032
(28.75
26.21)
.035
.025
(0.89
0.63)
3 Places
.100(2.54) BSC
2 Places
.150
.140
(3.81
3.56)
Dia.
TO-257
DEVICE TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DOUBLER (D)
ANODE
CATHODE / ANODE
CATHODE
SHD126213D
SHD126213N
SHD126213P
0.0
0.2
0.4
0.6
0.8
Forward Voltage Drop - VF (V)
10-1
100
101
Typical Forward Characteristics
125 °C
150 °C
25 °C
0
10
20
30
40
50
60
Reverse Voltage - VR (V)
10-3
10-2
10-1
100
101
102
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
0
10
20
30
40
50
60
Reverse Voltage - VR (V)
200
300
400
500
600
700
800
Typical Junction Capacitance


Similar Part No. - SHD126213N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126213N SENSITRON-SHD126213N Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150째C Operating Temperature
More results

Similar Description - SHD126213N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126412 SENSITRON-SHD126412 Datasheet
80Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 150?C Operating Temperature
logo
Semtech Corporation
SHD126422 SEMTECH-SHD126422 Datasheet
80Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175?C Operating Temperature
logo
Sensitron
SHD126445 SENSITRON-SHD126445 Datasheet
81Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175?C Operating Temperature
SHD126246 SENSITRON-SHD126246 Datasheet
83Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200?C Operating Temperature
SHD126268 SENSITRON-SHD126268 Datasheet
83Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 100?C Operating Temperature
SHD126444 SENSITRON-SHD126444 Datasheet
81Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200?C Operating Temperature
SHD126468 SENSITRON-SHD126468 Datasheet
79Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 100?C Operating Temperature
SHD126423 SENSITRON-SHD126423 Datasheet
59Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175?C Operating Temperature
SHD126436 SENSITRON-SHD126436 Datasheet
82Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200?C Operating Temperature
SHD126168 SENSITRON-SHD126168 Datasheet
80Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 100?C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com