Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1214-300 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # 1214-300
Description  300 Watts - 50 Volts, 100us, 10% Radar 1200 1400 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

1214-300 Datasheet(HTML) 3 Page - Advanced Power Technology

  1214-300 Datasheet HTML 1Page - Advanced Power Technology 1214-300 Datasheet HTML 2Page - Advanced Power Technology 1214-300 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 1214-300

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
1214-300M ADPOW-1214-300M Datasheet
117Kb / 4P
   300 Watts - 40 Volts, 150ms, 10% Radar 1200 - 1400 MHz
logo
Microsemi Corporation
1214-300M MICROSEMI-1214-300M Datasheet
227Kb / 4P
   300 Watts - 40 Volts, 150關s, 10% Radar 1200 - 1400 MHz
1214-300V MICROSEMI-1214-300V Datasheet
219Kb / 4P
   300 Watts - 50 Volts, 330關s, 10% Radar 1200 - 1400 MHz
More results

Similar Description - 1214-300

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
1214-300M ADPOW-1214-300M Datasheet
117Kb / 4P
   300 Watts - 40 Volts, 150ms, 10% Radar 1200 - 1400 MHz
logo
Microsemi Corporation
1214-300V MICROSEMI-1214-300V Datasheet
219Kb / 4P
   300 Watts - 50 Volts, 330關s, 10% Radar 1200 - 1400 MHz
logo
Advanced Power Technolo...
1214-370M ADPOW-1214-370M Datasheet
117Kb / 4P
   370 Watts - 50 Volts, 330 ms, 10% Radar 1200 - 1400 MHz
logo
Microsemi Corporation
1214-300M MICROSEMI-1214-300M Datasheet
227Kb / 4P
   300 Watts - 40 Volts, 150關s, 10% Radar 1200 - 1400 MHz
1214-110V MICROSEMI-1214-110V Datasheet
226Kb / 4P
   110 Watts - 50 Volts, 330關s, 10% Radar 1200 - 1400 MHz
logo
Advanced Power Technolo...
1214-110V ADPOW-1214-110V Datasheet
226Kb / 4P
   110 Watts - 50 Volts, 330關s, 10% Radar 1200 - 1400 MHz
logo
Microsemi Corporation
1214-110M MICROSEMI-1214-110M Datasheet
111Kb / 4P
   110 Watts - 50 Volts, 330關s, 10% Radar 1200 - 1400 MHz
1214-370V MICROSEMI-1214-370V Datasheet
232Kb / 5P
   370 Watts - 50 Volts, 330 關s, 10% Radar 1200 - 1400 MHz
logo
Advanced Power Technolo...
1214-220M ADPOW-1214-220M Datasheet
73Kb / 4P
   220 Watts - 40 Volts, 150ms, 10% Radar 1200 - 1400 MHz
logo
GHz Technology
1214-55 GHZTECH-1214-55 Datasheet
330Kb / 3P
   55 Watts - 28 Volts, Pulsed Radar 1200 - 1400 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com