Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM486DX2 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM486DX2
Description  Am5X86??Microprocessor Family
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM486DX2 Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM486DX2 Datasheet HTML 1Page - Advanced Micro Devices AM486DX2 Datasheet HTML 2Page - Advanced Micro Devices AM486DX2 Datasheet HTML 3Page - Advanced Micro Devices AM486DX2 Datasheet HTML 4Page - Advanced Micro Devices AM486DX2 Datasheet HTML 5Page - Advanced Micro Devices AM486DX2 Datasheet HTML 6Page - Advanced Micro Devices AM486DX2 Datasheet HTML 7Page - Advanced Micro Devices AM486DX2 Datasheet HTML 8Page - Advanced Micro Devices AM486DX2 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
AMD
PRELIMINARY
Am5X86 Microprocessor
3
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the elements below.
A
AMD-X5
Package Type
Family/Core
Valid Combinations
Valid Combinations list configura-
tions planned to be supported in vol-
ume for this device. Consult the local
AMD sales office to confirm avail-
ability of specific valid combinations
and to check on newly released
combinations.
A =168-pin PGA
S = 208-pin SQFP
AMD-X5
Case Temperature
D
W= 55° C
Z = 85° C
– 133
Clock Speed
133 = 133 MHz
W
Operating Voltage
D= 3.45 V
F= 3.3 V
Valid Combinations
OPN
Package Type
Operating Voltage
Case Temperature
(Max)
AMD-X5-133ADW
PGA
3.45 V
55° C
AMD-X5-133ADZ
PGA
3.45 V
85° C
AMD-X5-133SFZ
SQFP
3.3 V
85° C
AMD-X5-133SDZ
SQFP
3.45 V
85° C


Similar Part No. - AM486DX2

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM486DE2 AMD-AM486DE2 Datasheet
1Mb / 52P
   8-Kbyte Write-Through Embedded Microprocessor
AM486DE2-66V8TGC AMD-AM486DE2-66V8TGC Datasheet
1Mb / 52P
   8-Kbyte Write-Through Embedded Microprocessor
AM486DE2-66V8THC AMD-AM486DE2-66V8THC Datasheet
1Mb / 52P
   8-Kbyte Write-Through Embedded Microprocessor
More results

Similar Description - AM486DX2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12XD FREESCALE-MC9S12XD Datasheet
1Mb / 28P
   16-BIT MICROPROCESSOR FAMILY
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
California Micro Device...
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
   CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Advanced Micro Devices
80186 AMD-80186 Datasheet
3Mb / 56P
   High Integration 16-Bit Microprocessor iAPX86 Family
logo
ATMEL Corporation
TSPC603R ATMEL-TSPC603R Datasheet
587Kb / 58P
   PowerPC 603e RISC Microprocessor Family PID7t-603e
logo
Renesas Technology Corp
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
   Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
logo
NXP Semiconductors
MPC604E9QEC NXP-MPC604E9QEC Datasheet
570Kb / 29P
   PowerPCTM RISC Microprocessor Family: PID9q-604e Hardware SpeciÞcations
3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com