Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALF1T24 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ALF1T24
Description  20A Power Relay For Home appliances
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ALF1T24 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ALF1T24 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ALF1T24 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ALF1T24 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LF
41
TYPES
Contact
arrangement
Coil voltage,
V DC
TMP type
PCB type
1 Form A
5
ALF1T05
ALF1P05
6
ALF1T06
ALF1P06
9
ALF1T09
ALF1P09
12
ALF1T12
ALF1P12
18
ALF1T18
ALF1P18
24
ALF1T24
ALF1P24
COIL DATA
Nominal voltage,
V DC
Pick-up voltage,
V DC (max.)
Drop-out voltage,
V DC (min.)
Coil resistance,
Ω(±10%)
Nominal operating
current, mA
(
±10%)
Nominal operating
power, W
Maximum allow-
able voltage, V DC
5
3.5
0.5
27.8
180
0.9
5.5
6
4.2
0.6
40
150
6.6
9
6.3
0.9
90
100
9.9
12
8.4
1.2
160
75
13.2
18
12.6
1.8
360
50
19.8
24
16.8
2.4
640
37.5
26.4
DIMENSIONS
mm inch
1. TMP type
22.0
.866
27.6
1.087
30.1
1.185
15.7
.618
12.0
.472
0.5
.020
23.3
.917
4.0
.157
3 NO COM 4
12
2.0
.079
12.8
.504
11.25
.443
6.4
.252
#250 terminal
Dimension :
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance :
±0.1 ±.004
Schematic (Bottom view)
4-1.8
dia.
4-.071
dia.
±.004
1.087
±0.1
27.6
±0.1
13.8
±.004
.543
±0.1
12.0
±0.1
10.0
±.004
.472
±.004
.394
±0.1
12.0
±.004
.472
NO
COM
FASTON 250
PC board side
2. PCB type
22.0
.866
27.6
1.087
30.1
1.185
15.7
.618
12.0
.472
0.5
.020
23.3
.917
4.0
.157
3 NO COM 4
12
Dimension :
Tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance :
±0.1 ±.004
Schematic (Bottom view)
±.004
1.087
±0.1
27.6
±0.1
13.8
±.004
.543
±0.1
12.0
±0.1
10.0
±.004
.472
±.004
.394
±0.1
12.0
±.004
.472
4-1.8
dia.
4-.071
dia.
NO
COM


Similar Part No. - ALF1T24

ManufacturerPart #DatasheetDescription
logo
Altech corporation
ALF1-012 ALTECH-ALF1-012 Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-024 ALTECH-ALF1-024 Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-048 ALTECH-ALF1-048 Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-110 ALTECH-ALF1-110 Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
ALF1-230 ALTECH-ALF1-230 Datasheet
444Kb / 1P
   30 mm Illuminated Flush Momentary Operator ALFx-yyy (fillament bulb) and ALFxLB-yyy (LED bulb) (x=color; yyy=voltage)
More results

Similar Description - ALF1T24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
   Noise suppression filter For home appliances
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
logo
Sharp Corporation
SM8311 SHARP-SM8311 Datasheet
121Kb / 4P
   8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
logo
rfsolutions.ltd
WIFI-RF RFSOLUTIONS-WIFI-RF Datasheet
2Mb / 6P
   Control home appliances from your phone
logo
Fujitsu Component Limit...
FTR-K3 FUJITSU-FTR-K3 Datasheet
71Kb / 4P
   POWER RELAY 20A type Relay
logo
EXCEL CELL ELECTRONIC C...
ETRRPT ECE-ETRRPT Datasheet
153Kb / 5P
   HOME APPLICATION RELAY
ETRGQ ECE-ETRGQ Datasheet
112Kb / 3P
   HOME APPLICATION RELAY
ETRGL ECE-ETRGL Datasheet
155Kb / 4P
   HOME APPLICATION RELAY
ETRRET ECE-ETRRET Datasheet
164Kb / 4P
   HOME APPLICATION RELAY
ETRGU ECE-ETRGU Datasheet
115Kb / 3P
   HOME APPLICATION RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com