Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7580-ADJDD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AMC7580-ADJDD
Description  7A LOW DROPOUT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7580-ADJDD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AMC7580-ADJDD Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7580-ADJDD Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7580-ADJDD Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7580-ADJDD Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC7580-ADJDD Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC7580-ADJDD Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC7580-ADJDD Datasheet HTML 10Page - List of Unclassifed Manufacturers AMC7580-ADJDD Datasheet HTML 11Page - List of Unclassifed Manufacturers AMC7580-ADJDD Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AMC DOC. #: AMC7580_E (LF)
AMC7580
Feb 2005
7A LOW DROPOUT REGULATOR
Figure 4.
Capaci nce
ta
Effects
ESL
Effects
ESR
Effects
Slope, V/t =
∆I/C
Point at which regulator
takes control
Output Voltage
The AMC7580-ADJ develops a 1.25V reference voltage between the Sense pin and the Adjust pin (Figure 5).
Placing a resistor between these two terminals causes a constant current to flow thought R1 and down though R2 to
set the output voltage. In general R1 is chosen so that this current is the specified minimum load current of 10 mA.
The current out of the Adjust pin is small, typically 50
µA and it adds to the current for R1. For best regulation the
top of the resistor divider should be connected directly to the Sense pin.
Figure 5 Setting Output Voltage
Figure 6. Optional Clamp Diodes Protect
Against Input Crowbar Circuit
D2
D1
R2
R1
ADJ
AMC7580
-ADJ
SENSE
VPOWER
VCONTROL
R2
R1
IADJ = 50µA
ADJ
VREF
AMC7580
-ADJ
SENSE
VOUT
VPOWER
VCONTROL
Copyright
© 2002, ADD Microtech Corp.
8
www.addmtek.com


Similar Part No. - AMC7580-ADJDD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7581-1.8 ETC-AMC7581-1.8 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7581-2.5 ETC-AMC7581-2.5 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7581-3.3 ETC-AMC7581-3.3 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
AMC7581-5.0 ETC-AMC7581-5.0 Datasheet
297Kb / 12P
   5A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7580-ADJDD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
   7A LOW DROPOUT REGULATOR
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Microsemi Corporation
LX8584X-XX MICROSEMI-LX8584X-XX Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com