Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU8D Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # KBU8D
Description  SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

KBU8D Datasheet(HTML) 1 Page - Pan Jit International Inc.

  KBU8D Datasheet HTML 1Page - Pan Jit International Inc. KBU8D Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
Approve Sheet Part Number: KBU8A~KBU8K
FEATURES
• Plastic material has Underwriters Laboratory
Flammability Classification 94V-O
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic technique
• Surge overload rating: 200 Amperes peak
• High temperature soldering guaranteed:
260°C/10 seconds/.375"(9.5mm) lead length at 5 lbs. (2.3kg) tension
KBU8A~KBU8K
SILICON SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes
Recongnized File # E111753
MECHANICAL DATA
Case: Reliable low cost construction utilizing
molded plastic technique
Terminals: Leads solderable per MIL-STD-202,
Method 208
Mounting position: Any
Mounting torque: 5 in. lb. Max.
Weight: 0.3 ounce, 8.0 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
DATA SHEET
KBU
Unit: inch ( mm )
R .075(1.9)(2x)
.052(1.3)
.047(1.2)
.220(5.6)
.181(4.6)
.933(23.7)
.894(22.7)
~~
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward TC=100°C
Rectified Output Current atTA=40°C
I2t Rating for fusing ( t<8.3ms)
Peak Forward Surge Current single sine-wave superimposed on rated load
(JEDEC method)
Maximum Instantaneous Forward Voltage Drop per element at 8.0A
Maximum Reverse Leakage at rated TA=25°
CDc Blocking Voltage per element TC=100°C
Typical Thermal Resistance per leg(Note 2) R
θJA
Typical Thermal Resistance per leg(Note 3) R
θJC
Operating and Storage Temperature Range, TJ,TSTG
V
V
V
A
A2sec
Apk
µA
°C / W
UNIT
°C
NOTES:
1. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw.
2. Units Mounted in free air, no heatsink, P.C.B at 0.375"(9.5mm) lead length with 0.5 x 0.5"(12 x 12mm)copper pads.
3. Units Mounted on a 2.0 x 1.6" x 0.3" thick (5 x 4 x 0.8cm) AL plate.
µA
50
35
50
Vpk
8.0
8.0
166
200
1.0
10
1000
18.0
3.0
-55 to +150
°C / W
KBU8A
100
70
100
KBU8B
200
140
200
KBU8D
400
280
400
KBU8G
600
420
600
KBU8J
800
560
800
KBU8K


Similar Part No. - KBU8D

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBU8D SEMTECH-KBU8D Datasheet
159Kb / 2P
   4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
Galaxy Semi-Conductor H...
KBU8D BILIN-KBU8D Datasheet
145Kb / 3P
   Silicon Bridge Rectifiers
logo
Vishay Siliconix
KBU8D VISHAY-KBU8D Datasheet
100Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
America Semiconductor, ...
KBU8D AMERICASEMI-KBU8D Datasheet
583Kb / 2P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
KBU8D FAIRCHILD-KBU8D Datasheet
30Kb / 3P
   8.0 Ampere Silicon Bridge Rectifiers
More results

Similar Description - KBU8D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBU8A PANJIT-GBU8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
GBJ8A PANJIT-GBJ8A Datasheet
120Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 8.0 Amperes)
KBU6A PANJIT-KBU6A Datasheet
124Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
KBU4A PANJIT-KBU4A Datasheet
54Kb / 2P
   SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
Rectron Semiconductor
RS801 RECTRON-RS801 Datasheet
26Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes)
RS801M RECTRON-RS801M Datasheet
29Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes)
logo
WILLAS ELECTRONIC CORP
FR801 WILLAS-FR801 Datasheet
238Kb / 2P
   VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes
logo
Rectron Semiconductor
RL801 RECTRON-RL801 Datasheet
25Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
RL801S RECTRON-RL801S Datasheet
24Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
RBU801M RECTRON-RBU801M Datasheet
174Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com