Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT11GP60SA Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT11GP60SA
Description  POWER MOS 7 IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT11GP60SA Datasheet(HTML) 3 Page - Advanced Power Technology

  APT11GP60SA Datasheet HTML 1Page - Advanced Power Technology APT11GP60SA Datasheet HTML 2Page - Advanced Power Technology APT11GP60SA Datasheet HTML 3Page - Advanced Power Technology APT11GP60SA Datasheet HTML 4Page - Advanced Power Technology APT11GP60SA Datasheet HTML 5Page - Advanced Power Technology APT11GP60SA Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APT11GP60K_SA
TYPICAL PERFORMANCE CURVES
V
CE, COLLECTER-TO-EMITTER VOLTAGE (V)
V
CE, COLLECTER-TO-EMITTER VOLTAGE (V)
FIGURE 1, Output Characteristics(V
GE = 15V)
FIGURE 2, Output Characteristics (V
GE = 10V)
V
GE, GATE-TO-EMITTER VOLTAGE (V)
GATE CHARGE (nC)
FIGURE 3, Transfer Characteristics
FIGURE 4, Gate Charge
V
GE, GATE-TO-EMITTER VOLTAGE (V)
T
J, Junction Temperature (°C)
FIGURE 5, On State Voltage vs Gate-to- Emitter Voltage
FIGURE 6, On State Voltage vs Junction Temperature
T
J, JUNCTION TEMPERATURE (°C)
T
C, CASE TEMPERATURE (°C)
FIGURE 7, Breakdown Voltage vs. Junction Temperature
FIGURE 8, DC Collector Current vs Case Temperature
0
1234
0
1234
0
2
4
6
8
10
0
5
10
152025
303540
6
8
10
12
14
16
-50
-25
0
25
50
75
100
125
-50
-25
0
25
50
75
100 125
-50
-25
0
25
50
75 100 125 150
TJ = 25°C.
250µs PULSE TEST
<0.5 % DUTY CYCLE
TC=-55°C
TC=125°C
TC=25°C
VCE = 480V
VCE = 300V
VCE = 120V
VGE = 10V.
250µs PULSE TEST
<0.5 % DUTY CYCLE
VGE = 15V.
250µs PULSE TEST
<0.5 % DUTY CYCLE
VGE = 15V.
250µs PULSE TEST
<0.5 % DUTY CYCLE
IC = 11A
TJ = 25°C
TJ = 25°C
TJ = -55°C
TJ = 125°C
TC=-55°C
TC=25°C
TC=125°C
250µs PULSE TEST
<0.5 % DUTY CYCLE
IC = 5.5A
IC = 11A
IC = 22A
IC = 22A
IC = 11A
IC = 5.5A
40
35
30
25
20
15
10
5
0
80
70
60
50
40
30
20
10
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1.10
1.05
1.00
0.95
0.90
40
35
30
25
20
15
10
5
0
16
14
12
10
8
6
4
2
0
3.0
2.5
2.0
1.5
1.0
0.5
0
60
50
40
30
20
10
0


Similar Part No. - APT11GP60SA

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
   POWER MOS 7 IGBT
More results

Similar Description - APT11GP60SA

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT25GP90BDF1 ADPOW-APT25GP90BDF1 Datasheet
209Kb / 9P
   POWER MOS 7 IGBT
APT65GP60L2DF2 ADPOW-APT65GP60L2DF2 Datasheet
201Kb / 9P
   POWER MOS 7 IGBT
APT80GP60B2 ADPOW-APT80GP60B2 Datasheet
94Kb / 6P
   POWER MOS 7 IGBT
APT40GP60B2DF2 ADPOW-APT40GP60B2DF2 Datasheet
205Kb / 9P
   POWER MOS 7 IGBT
APT50GP60J ADPOW-APT50GP60J Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT35GP120B2DQ2 ADPOW-APT35GP120B2DQ2 Datasheet
426Kb / 9P
   POWER MOS 7 IGBT
APT40GP60B ADPOW-APT40GP60B Datasheet
98Kb / 6P
   POWER MOS 7 IGBT
APT45GP120J ADPOW-APT45GP120J Datasheet
99Kb / 6P
   POWER MOS 7 IGBT
APT45GP120JDQ2 ADPOW-APT45GP120JDQ2 Datasheet
455Kb / 9P
   POWER MOS 7 IGBT
APT11GP60BDQB ADPOW-APT11GP60BDQB Datasheet
212Kb / 7P
   POWER MOS 7 IGBT
APT25GP120B ADPOW-APT25GP120B Datasheet
95Kb / 6P
   POWER MOS 7 IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com