Electronic Components Datasheet Search |
|
APT15GT60BRDQ1G Datasheet(PDF) 7 Page - Advanced Power Technology |
|
APT15GT60BRDQ1G Datasheet(HTML) 7 Page - Advanced Power Technology |
7 / 9 page APT15GT60BRDQ1(G) TYPICAL PERFORMANCE CURVES Characteristic / Test Conditions Maximum Average Forward Current (T C = 129°C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (T J = 45°C, 8.3ms) Symbol I F(AV) I F(RMS) I FSM Symbol V F Characteristic / Test Conditions I F = 15A Forward Voltage I F = 30A I F = 15A, TJ = 125°C STATIC ELECTRICAL CHARACTERISTICS UNIT Amps UNIT Volts MIN TYP MAX 2.0 2.5 1.5 APT15GT60BRDQ1(G) 15 30 110 DYNAMIC CHARACTERISTICS MAXIMUM RATINGS All Ratings: T C = 25°C unless otherwise specified. ULTRAFAST SOFT RECOVERY ANTI-PARALLEL DIODE MIN TYP MAX - 15 - 19 - 21 - 2 - - 105 - 250 - 5 - - 55 - 420 - 15 UNIT ns nC Amps ns nC Amps ns nC Amps Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Symbol t rr t rr Q rr I RRM t rr Q rr I RRM t rr Q rr I RRM Test Conditions I F = 15A, diF/dt = -200A/µs V R = 400V, TC = 25°C I F = 15A, diF/dt = -200A/µs V R = 400V, TC = 125°C I F = 15A, diF/dt = -1000A/µs V R = 400V, TC = 125°C I F = 1A, diF/dt = -100A/µs, VR = 30V, TJ = 25°C 10-5 10-4 10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 24a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION 1.40 1.20 1.00 0.80 0.60 0.40 0.20 0 0.5 SINGLE PULSE 0.1 0.3 0.7 0.05 FIGURE 24b, TRANSIENT THERMAL IMPEDANCE MODEL Peak TJ = PDM x ZθJC + TC Duty Factor D = t1/t2 t2 t1 Note: D = 0.9 0.583 0.767 0.0022 0.060 Dissipated Power (Watts) TJ (°C) TC (°C) Z EXT are the external thermal impedances: Case to sink, sink to ambient, etc. Set to zero when modeling only the case to junction. |
Similar Part No. - APT15GT60BRDQ1G |
|
Similar Description - APT15GT60BRDQ1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |