Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30GT60BRDQ2G Datasheet(PDF) 8 Page - Advanced Power Technology

Part # APT30GT60BRDQ2G
Description  Thunderbolt IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30GT60BRDQ2G Datasheet(HTML) 8 Page - Advanced Power Technology

  APT30GT60BRDQ2G Datasheet HTML 1Page - Advanced Power Technology APT30GT60BRDQ2G Datasheet HTML 2Page - Advanced Power Technology APT30GT60BRDQ2G Datasheet HTML 3Page - Advanced Power Technology APT30GT60BRDQ2G Datasheet HTML 4Page - Advanced Power Technology APT30GT60BRDQ2G Datasheet HTML 5Page - Advanced Power Technology APT30GT60BRDQ2G Datasheet HTML 6Page - Advanced Power Technology APT30GT60BRDQ2G Datasheet HTML 7Page - Advanced Power Technology APT30GT60BRDQ2G Datasheet HTML 8Page - Advanced Power Technology APT30GT60BRDQ2G Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
APT30GT60BRDQ2(G)
TJ = 125°C
VR = 400V
20A
40A
80A
180
160
140
120
100
80
60
40
20
0
25
20
15
10
5
0
Duty cycle = 0.5
TJ = 175°C
0
25
50
75
100
125
150
25
50
75
100
125
150
175
1
10
100 200
80
70
60
50
40
30
20
10
0
T
J, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 29. Dynamic Parameters vs. Junction Temperature
Figure 30. Maximum Average Forward Current vs. CaseTemperature
V
R, REVERSE VOLTAGE (V)
Figure 31. Junction Capacitance vs. Reverse Voltage
T
J = 175°C
T
J = -55°C
T
J = 25°C
T
J = 125°C
TJ = 125°C
VR = 400V
80A
20A
40A
0
0.5
1
1.5
2
2.5
3
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
0
200
400
600
800
1000
1200
120
100
80
60
40
20
0
1400
1200
1000
800
600
400
200
0
TJ = 125°C
VR = 400V
80A
40A
20A
t
rr
Q
rr
Q
rr
t
rr
I
RRM
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
200
180
160
140
120
100
80
60
40
20
0
V
F, ANODE-TO-CATHODE VOLTAGE (V)
-di
F /dt, CURRENT RATE OF CHANGE(A/µs)
Figure 25. Forward Current vs. Forward Voltage
Figure 26. Reverse Recovery Time vs. Current Rate of Change
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
Figure 27. Reverse Recovery Charge vs. Current Rate of Change
Figure 28. Reverse Recovery Current vs. Current Rate of Change


Similar Part No. - APT30GT60BRDQ2G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30GT60BRDQ2G MICROSEMI-APT30GT60BRDQ2G Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
More results

Similar Description - APT30GT60BRDQ2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GT60BRDQ2 ADPOW-APT50GT60BRDQ2 Datasheet
431Kb / 9P
   Thunderbolt IGBT
APT15GT120BR ADPOW-APT15GT120BR Datasheet
397Kb / 6P
   Thunderbolt IGBT
APT20GT60BRDQ1 ADPOW-APT20GT60BRDQ1 Datasheet
428Kb / 9P
   Thunderbolt IGBT
APT25GT120BR ADPOW-APT25GT120BR Datasheet
394Kb / 6P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
   Thunderbolt IGBT
APT100GT120JRDQ4 MICROSEMI-APT100GT120JRDQ4 Datasheet
993Kb / 9P
   Thunderbolt IGBT
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
   Thunderbolt IGBT
APT50GT60BR ADPOW-APT50GT60BR Datasheet
409Kb / 6P
   Thunderbolt IGBT
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
   Thunderbolt IGBT
APT15GT120BRDQ1 ADPOW-APT15GT120BRDQ1 Datasheet
430Kb / 9P
   Thunderbolt IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com