Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT33GF120B2RDQ2G Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APT33GF120B2RDQ2G
Description  FAST IGBT & FRED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT33GF120B2RDQ2G Datasheet(HTML) 1 Page - Advanced Power Technology

  APT33GF120B2RDQ2G Datasheet HTML 1Page - Advanced Power Technology APT33GF120B2RDQ2G Datasheet HTML 2Page - Advanced Power Technology APT33GF120B2RDQ2G Datasheet HTML 3Page - Advanced Power Technology APT33GF120B2RDQ2G Datasheet HTML 4Page - Advanced Power Technology APT33GF120B2RDQ2G Datasheet HTML 5Page - Advanced Power Technology APT33GF120B2RDQ2G Datasheet HTML 6Page - Advanced Power Technology APT33GF120B2RDQ2G Datasheet HTML 7Page - Advanced Power Technology APT33GF120B2RDQ2G Datasheet HTML 8Page - Advanced Power Technology APT33GF120B2RDQ2G Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
APT33GF120B2_LRDQ2(G)
TYPICAL PERFORMANCE CURVES
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
STATIC ELECTRICAL CHARACTERISTICS
Characteristic / Test Conditions
Collector-Emitter Breakdown Voltage (V
GE = 0V, I C = 1.5mA)
Gate Threshold Voltage (V
CE = VGE, I C = 1mA, Tj = 25°C)
Collector-Emitter On Voltage (V
GE = 15V, IC = 25A, Tj = 25°C)
Collector-Emitter On Voltage (V
GE = 15V, IC = 25A, Tj = 125°C)
Collector Cut-off Current (V
CE = 1200V, VGE = 0V, Tj = 25°C)
2
Collector Cut-off Current (V
CE = 1200V, VGE = 0V, Tj = 125°C)
2
Gate-Emitter Leakage Current (V
GE = ±20V)
Symbol
V
(BR)CES
V
GE(TH)
V
CE(ON)
I
CES
I
GES
Units
Volts
µA
nA
Symbol
V
CES
V
GE
I
C1
I
C2
I
CM
SSOA
P
D
T
J,TSTG
T
L
APT33GF120B2_LRDQ2(G)
1200
±30
64
30
75
75A @ 1200V
357
-55 to 150
300
UNIT
Volts
Amps
Watts
°C
Parameter
Collector-Emitter Voltage
Gate-Emitter Voltage
Continuous Collector Current @ T
C = 25°C
Continuous Collector Current @ T
C = 100°C
Pulsed Collector Current 1
Switching Safe Operating Area @ T
J = 150°C
Total Power Dissipation
Operating and Storage Junction Temperature Range
Max. Lead Temp. for Soldering: 0.063" from Case for 10 Sec.
APT Website - http://www.advancedpower.com
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
MIN
TYP
MAX
1200
4.5
5.5
6.5
2.0
2.5
3.0
3.1
100
6000
±120
The Fast IGBT is a new generation of high voltage power IGBTs. Using Non-Punch through
technology, the Fast IGBT combined with an APT free wheeling Ultra Fast Recovery Epi-
taxial Diode (FRED) offers superior ruggedness and fast switching speed.
• Low Forward Voltage Drop
• High Freq. Switching to 20KHz
• RBSOA and SCSOA Rated
• Ultra Low Leakage Current
• Ultrafast Soft Recovery Anti-parallel Diode
FAST IGBT & FRED
®
1200V
APT33GF120B2RDQ2
APT33GF120LRDQ2
APT33GF120B2RDQ2G* APT33GF120LRDQ2G*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
C
E
G
(L)
(B2)
TO-264
T-Max®


Similar Part No. - APT33GF120B2RDQ2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT33GF120B2RD ADPOW-APT33GF120B2RD Datasheet
141Kb / 8P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
More results

Similar Description - APT33GF120B2RDQ2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT11GF120BRDQ1 ADPOW-APT11GF120BRDQ1 Datasheet
429Kb / 9P
   FAST IGBT & FRED
logo
Microsemi Corporation
APT40GF120JRDQ2 MICROSEMI-APT40GF120JRDQ2 Datasheet
577Kb / 9P
   FAST IGBT & FRED
logo
Advanced Power Technolo...
APT50GF120JRDQ3 ADPOW-APT50GF120JRDQ3 Datasheet
449Kb / 9P
   FAST IGBT & FRED
APT60GF120JRDQ3 ADPOW-APT60GF120JRDQ3 Datasheet
446Kb / 9P
   FAST IGBT & FRED
APT20GF120BRDQ1 ADPOW-APT20GF120BRDQ1 Datasheet
464Kb / 9P
   FAST IGBT & FRED
logo
Vincotech
V23990-P632-A-P1-14 VINCOTECH-V23990-P632-A-P1-14 Datasheet
243Kb / 18P
   IGBT FRED
V23990-P633-A-P1-19 VINCOTECH-V23990-P633-A-P1-19 Datasheet
60Kb / 3P
   IGBT FRED
V23990-P634-A-P1-14 VINCOTECH-V23990-P634-A-P1-14 Datasheet
228Kb / 18P
   IGBT FRED
V23990-P634-A-P1-19 VINCOTECH-V23990-P634-A-P1-19 Datasheet
67Kb / 3P
   IGBT FRED
V23990-P635-A-P1-19 VINCOTECH-V23990-P635-A-P1-19 Datasheet
62Kb / 3P
   IGBT FRED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com