Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT33GF120LRDQ2G Datasheet(PDF) 6 Page - Advanced Power Technology

Part # APT33GF120LRDQ2G
Description  FAST IGBT & FRED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT33GF120LRDQ2G Datasheet(HTML) 6 Page - Advanced Power Technology

  APT33GF120LRDQ2G Datasheet HTML 1Page - Advanced Power Technology APT33GF120LRDQ2G Datasheet HTML 2Page - Advanced Power Technology APT33GF120LRDQ2G Datasheet HTML 3Page - Advanced Power Technology APT33GF120LRDQ2G Datasheet HTML 4Page - Advanced Power Technology APT33GF120LRDQ2G Datasheet HTML 5Page - Advanced Power Technology APT33GF120LRDQ2G Datasheet HTML 6Page - Advanced Power Technology APT33GF120LRDQ2G Datasheet HTML 7Page - Advanced Power Technology APT33GF120LRDQ2G Datasheet HTML 8Page - Advanced Power Technology APT33GF120LRDQ2G Datasheet HTML 9Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
APT33GF120B2_LRDQ2(G)
Figure 22, Turn-on Switching Waveforms and Definitions
Figure 23, Turn-off Switching Waveforms and Definitions
T
J = 125°C
Switching Energy
5%
10%
t
d(on)
90%
10%
t
r
5%
T
J = 125°C
Switching Energy
0
90%
t
d(off)
10%
t
f
90%
IC
A
D.U.T.
VCE
Figure 21, Inductive Switching Test Circuit
VCC
APT40DQ120
Collector Current
Collector Voltage
Gate Voltage
Collector Voltage
Collector Current
Gate Voltage


Similar Part No. - APT33GF120LRDQ2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT33GF120LRD ADPOW-APT33GF120LRD Datasheet
141Kb / 8P
   The Fast IGBT??is a new generation of high voltage power IGBTs.
More results

Similar Description - APT33GF120LRDQ2G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT11GF120BRDQ1 ADPOW-APT11GF120BRDQ1 Datasheet
429Kb / 9P
   FAST IGBT & FRED
logo
Microsemi Corporation
APT40GF120JRDQ2 MICROSEMI-APT40GF120JRDQ2 Datasheet
577Kb / 9P
   FAST IGBT & FRED
logo
Advanced Power Technolo...
APT50GF120JRDQ3 ADPOW-APT50GF120JRDQ3 Datasheet
449Kb / 9P
   FAST IGBT & FRED
APT60GF120JRDQ3 ADPOW-APT60GF120JRDQ3 Datasheet
446Kb / 9P
   FAST IGBT & FRED
APT20GF120BRDQ1 ADPOW-APT20GF120BRDQ1 Datasheet
464Kb / 9P
   FAST IGBT & FRED
logo
Vincotech
V23990-P632-A-P1-14 VINCOTECH-V23990-P632-A-P1-14 Datasheet
243Kb / 18P
   IGBT FRED
V23990-P633-A-P1-19 VINCOTECH-V23990-P633-A-P1-19 Datasheet
60Kb / 3P
   IGBT FRED
V23990-P634-A-P1-14 VINCOTECH-V23990-P634-A-P1-14 Datasheet
228Kb / 18P
   IGBT FRED
V23990-P634-A-P1-19 VINCOTECH-V23990-P634-A-P1-19 Datasheet
67Kb / 3P
   IGBT FRED
V23990-P635-A-P1-19 VINCOTECH-V23990-P635-A-P1-19 Datasheet
62Kb / 3P
   IGBT FRED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com