Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT40GF120JRDQ2 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APT40GF120JRDQ2
Description  FAST IGBT & FRED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT40GF120JRDQ2 Datasheet(HTML) 7 Page - Microsemi Corporation

  APT40GF120JRDQ2 Datasheet HTML 1Page - Microsemi Corporation APT40GF120JRDQ2 Datasheet HTML 2Page - Microsemi Corporation APT40GF120JRDQ2 Datasheet HTML 3Page - Microsemi Corporation APT40GF120JRDQ2 Datasheet HTML 4Page - Microsemi Corporation APT40GF120JRDQ2 Datasheet HTML 5Page - Microsemi Corporation APT40GF120JRDQ2 Datasheet HTML 6Page - Microsemi Corporation APT40GF120JRDQ2 Datasheet HTML 7Page - Microsemi Corporation APT40GF120JRDQ2 Datasheet HTML 8Page - Microsemi Corporation APT40GF120JRDQ2 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
APT40GF120JRDQ2
TYPICAL PERFORMANCE CURVES
Characteristic / Test Conditions
Maximum Average Forward Current (T
C = 89°C, Duty Cycle = 0.5)
RMS Forward Current (Square wave, 50% duty)
Non-Repetitive Forward Surge Current (T
J = 45°C, 8.3ms)
Symbol
I
F(AV)
I
F(RMS)
I
FSM
Symbol
V
F
Characteristic / Test Conditions
I
F = 50A
Forward Voltage
I
F = 100A
I
F = 50A, TJ = 125°C
STATIC ELECTRICAL CHARACTERISTICS
UNIT
Amps
UNIT
Volts
MIN
TYP
MAX
3.06
3.82
2.25
APT40GF120JRDQ2
30
39
210
DYNAMIC CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: T
C = 25°C unless otherwise specified.
ULTRAFAST SOFT RECOVERY ANTI-PARALLEL DIODE
MIN
TYP
MAX
-
25
-
300
-
360
-
4
-
-
380
-
1700
-
8
-
-
160
-
2550
-
28
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F = 30A, diF/dt = -200A/µs
V
R = 800V, TC = 25°C
I
F = 30A, diF/dt = -200A/µs
V
R = 800V, TC = 125°C
I
F = 30A, diF/dt = -1000A/µs
V
R = 800V, TC = 125°C
I
F = 1A, diF/dt = -100A/µs, VR = 30V, TJ = 25°C
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 24a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
1.20
1.00
0.80
0.60
0.40
0.20
0
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
FIGURE 24b, TRANSIENT THERMAL IMPEDANCE MODEL
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:
D = 0.9
0.291
0.468
0.341
0.00306
0.0463
0.267
Dissipated Power
(Watts)
TJ (°C)
TC (°C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.


Similar Part No. - APT40GF120JRDQ2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT40GF120JRD ADPOW-APT40GF120JRD Datasheet
51Kb / 4P
   The Fast IGBT??is a new generation of high voltage power IGBTs
More results

Similar Description - APT40GF120JRDQ2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT33GF120B2RDQ2 ADPOW-APT33GF120B2RDQ2 Datasheet
454Kb / 9P
   FAST IGBT & FRED
APT11GF120BRDQ1 ADPOW-APT11GF120BRDQ1 Datasheet
429Kb / 9P
   FAST IGBT & FRED
APT50GF120JRDQ3 ADPOW-APT50GF120JRDQ3 Datasheet
449Kb / 9P
   FAST IGBT & FRED
APT60GF120JRDQ3 ADPOW-APT60GF120JRDQ3 Datasheet
446Kb / 9P
   FAST IGBT & FRED
APT20GF120BRDQ1 ADPOW-APT20GF120BRDQ1 Datasheet
464Kb / 9P
   FAST IGBT & FRED
logo
Vincotech
V23990-P632-A-P1-14 VINCOTECH-V23990-P632-A-P1-14 Datasheet
243Kb / 18P
   IGBT FRED
V23990-P633-A-P1-19 VINCOTECH-V23990-P633-A-P1-19 Datasheet
60Kb / 3P
   IGBT FRED
V23990-P634-A-P1-14 VINCOTECH-V23990-P634-A-P1-14 Datasheet
228Kb / 18P
   IGBT FRED
V23990-P634-A-P1-19 VINCOTECH-V23990-P634-A-P1-19 Datasheet
67Kb / 3P
   IGBT FRED
V23990-P635-A-P1-19 VINCOTECH-V23990-P635-A-P1-19 Datasheet
62Kb / 3P
   IGBT FRED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com