Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GN60B Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT50GN60B
Description  IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50GN60B Datasheet(HTML) 4 Page - Advanced Power Technology

  APT50GN60B Datasheet HTML 1Page - Advanced Power Technology APT50GN60B Datasheet HTML 2Page - Advanced Power Technology APT50GN60B Datasheet HTML 3Page - Advanced Power Technology APT50GN60B Datasheet HTML 4Page - Advanced Power Technology APT50GN60B Datasheet HTML 5Page - Advanced Power Technology APT50GN60B Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT50GN60B(G)
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 400V
R
G = 4.3Ω
L = 100 µH
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
ICE, COLLECTOR TO EMITTER CURRENT (A)
ICE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
RG, GATE RESISTANCE (OHMS)
TJ, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
10
30
50
70
90
110
10
30
50
70
90
110
10
30
50
70
90
110
10
30
50
70
90
110
10
30
50
70
90
110
10
30
50
70
90
110
0
10
20
30
40
50
0
25
50
75
100
125
25
20
15
10
5
0
120
100
80
60
40
20
0
6000
5000
4000
3000
2000
1000
0
16000
14000
12000
10000
8000
6000
4000
2000
0
350
300
250
200
150
100
50
0
160
140
120
100
80
60
40
20
0
4000
3500
3000
2500
2000
1500
1000
500
0
6000
5000
4000
3000
2000
1000
0
VCE = 400V
VGE = +15V
RG = 4.3Ω
T
J = 125°C
T
J = 25°C
VCE = 400V
VGE = +15V
RG = 4.3Ω
T
J = 125°C
T
J = 25°C
V
CE = 400V
T
J = 25°C, 125°C
R
G = 4.3Ω
L = 100 µH
V
GE = 15V
R
G = 4.3Ω, L = 100µH, VCE = 400V
T
J = 25 or 125°C,VGE = 15V
R
G = 4.3Ω, L = 100µH, VCE = 400V
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
E
on2,100A
E
off,100A
E
on2,50A
E
off,50A
E
on2,25A
E
off,25A
VCE = 400V
VGE = +15V
TJ = 125°C
VCE = 400V
VGE = +15V
RG = 4.3Ω
E
on2,100A
E
off,100A
E
on2,50A
E
off,50A
E
on2,25A
E
off,25A


Similar Part No. - APT50GN60B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT50GN60B MICROSEMI-APT50GN60B Datasheet
137Kb / 6P
   Resonant Mode Combi IGBT
logo
Advanced Power Technolo...
APT50GN60BDQ2 ADPOW-APT50GN60BDQ2 Datasheet
326Kb / 9P
   IGBT
logo
Microsemi Corporation
APT50GN60BDQ2 MICROSEMI-APT50GN60BDQ2 Datasheet
162Kb / 9P
   Resonant Mode Combi IGBT
logo
Advanced Power Technolo...
APT50GN60BDQ2G ADPOW-APT50GN60BDQ2G Datasheet
326Kb / 9P
   IGBT
logo
Microsemi Corporation
APT50GN60BDQ2G MICROSEMI-APT50GN60BDQ2G Datasheet
162Kb / 9P
   Resonant Mode Combi IGBT
More results

Similar Description - APT50GN60B

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com