Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GT60SRG Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APT50GT60SRG
Description  Thunderbolt IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT50GT60SRG Datasheet(HTML) 4 Page - Advanced Power Technology

  APT50GT60SRG Datasheet HTML 1Page - Advanced Power Technology APT50GT60SRG Datasheet HTML 2Page - Advanced Power Technology APT50GT60SRG Datasheet HTML 3Page - Advanced Power Technology APT50GT60SRG Datasheet HTML 4Page - Advanced Power Technology APT50GT60SRG Datasheet HTML 5Page - Advanced Power Technology APT50GT60SRG Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APT50GT60BR_SR(G)
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 400V
R
G = 4.3Ω
L = 100µH
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR TO EMITTER CURRENT (A)
I
CE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
FIGURE 12, Current Fall Time vs Collector Current
ICE, COLLECTOR TO EMITTER CURRENT (A)
ICE, COLLECTOR TO EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
FIGURE 14, Turn Off Energy Loss vs Collector Current
RG, GATE RESISTANCE (OHMS)
TJ, JUNCTION TEMPERATURE (°C)
FIGURE 15, Switching Energy Losses vs. Gate Resistance
FIGURE 16, Switching Energy Losses vs Junction Temperature
VCE = 400V
VGE = +15V
RG = 4.3Ω
V
CE = 400V
T
J = 25°C, or 125°C
R
G = 4.3Ω
L = 100µH
25
20
15
10
5
0
90
80
70
60
50
40
30
20
10
0
5000
4000
3000
2000
1000
0
10,000
8,000
6,000
4,000
2,000
0
350
300
250
200
150
50
0
180
160
140
120
100
80
60
40
20
0
3500
3000
2500
2000
1500
1000
500
0
5,000
4,000
3,000
2,000
1,000
0
V
GE = 15V
VCE = 400V
VGE = +15V
RG = 4.3Ω
0
20
40
60
80
100
120
0
20
40
60
80
100
125
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
20
40
60
80
100
120
0
10
20
30
40
50
0
25
50
75
100
125
R
G = 4.3Ω, L = 100µH, VCE = 400V
T
J = 125°C
T
J = 25°C
R
G = 4.3Ω, L = 100µH, VCE = 400V
T
J = 25 or 125°C,VGE = 15V
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
E
on2,100A
E
off,100A
E
on2,50A
E
off,50A
E
on2,25A
E
off,25A
VCE = 400V
VGE = +15V
TJ = 125°C
VCE = 400V
VGE = +15V
RG = 4.3Ω
T
J = 125°C
T
J = 25°C
E
on2,100A
E
off,100A
E
on2,50A
E
off,50A
E
on2,25A
E
off,25A


Similar Part No. - APT50GT60SRG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT50GT60SRG MICROSEMI-APT50GT60SRG Datasheet
244Kb / 6P
   Thunderbolt IGBT
More results

Similar Description - APT50GT60SRG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GT60BRDQ2 ADPOW-APT50GT60BRDQ2 Datasheet
431Kb / 9P
   Thunderbolt IGBT
APT15GT120BR ADPOW-APT15GT120BR Datasheet
397Kb / 6P
   Thunderbolt IGBT
APT20GT60BRDQ1 ADPOW-APT20GT60BRDQ1 Datasheet
428Kb / 9P
   Thunderbolt IGBT
APT25GT120BR ADPOW-APT25GT120BR Datasheet
394Kb / 6P
   Thunderbolt IGBT
logo
Microsemi Corporation
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
   Thunderbolt IGBT
APT100GT120JRDQ4 MICROSEMI-APT100GT120JRDQ4 Datasheet
993Kb / 9P
   Thunderbolt IGBT
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
   Thunderbolt IGBT
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
   Thunderbolt IGBT
APT15GT120BRDQ1 ADPOW-APT15GT120BRDQ1 Datasheet
430Kb / 9P
   Thunderbolt IGBT
APT30GT60BRDQ2 ADPOW-APT30GT60BRDQ2 Datasheet
435Kb / 9P
   Thunderbolt IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com