Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT75GT120JU3 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # APT75GT120JU3
Description  ISOTOP Buck chopper Trench IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT75GT120JU3 Datasheet(HTML) 3 Page - Advanced Power Technology

  APT75GT120JU3 Datasheet HTML 1Page - Advanced Power Technology APT75GT120JU3 Datasheet HTML 2Page - Advanced Power Technology APT75GT120JU3 Datasheet HTML 3Page - Advanced Power Technology APT75GT120JU3 Datasheet HTML 4Page - Advanced Power Technology APT75GT120JU3 Datasheet HTML 5Page - Advanced Power Technology APT75GT120JU3 Datasheet HTML 6Page - Advanced Power Technology APT75GT120JU3 Datasheet HTML 7Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
APT75GT120JU3
APT website – http://www.advancedpower.com
3- 7
Diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max
Unit
IF = 30A
2.0
2.5
IF = 60A
2.3
VF
Diode Forward Voltage
IF = 30A
Tj = 125°C
1.8
V
VR = 1200V
Tj = 25°C
250
IRM
Maximum Reverse Leakage Current
VR = 1200V
Tj = 125°C
500
µA
CT
Junction Capacitance
VR = 200V
32
pF
Reverse Recovery Time
IF=1A,VR=30V
di/dt =100A/µs
Tj = 25°C
31
Tj = 25°C
370
trr
Reverse Recovery Time
Tj = 125°C
500
ns
Tj = 25°C
5
IRRM
Maximum Reverse Recovery Current
Tj = 125°C
12
A
Tj = 25°C
660
Qrr
Reverse Recovery Charge
IF = 30A
VR = 800V
di/dt =200A/µs
Tj = 125°C
3450
nC
trr
Reverse Recovery Time
220
ns
Qrr
Reverse Recovery Charge
4650
nC
IRRM
Maximum Reverse Recovery Current
IF = 30A
VR = 800V
di/dt =1000A/µs
Tj = 125°C
37
A
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.3
RthJC
Junction to Case
Diode
1.1
RthJA
Junction to Ambient (IGBT & Diode)
20
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ,TSTG Storage Temperature Range
-55
150
TL
Max Lead Temp for Soldering:0.063” from case for 10 sec
300
°C
Torque Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine)
1.5
N.m
Wt
Package Weight
29.2
g
Typical IGBT Performance Curve
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
I
C (A)
V
CE=600V
D=50%
R
G=4.7Ω
T
J=125°C
Operating Frequency vs Collector Current


Similar Part No. - APT75GT120JU3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT75GT120JU3 MICROSEMI-APT75GT120JU3 Datasheet
507Kb / 7P
   ISOTOP Buck chopper Trench IGBT
logo
Inchange Semiconductor ...
APT75GT120JU3 ISC-APT75GT120JU3 Datasheet
570Kb / 4P
   Trench gate Field-Stop IGBT
2023-9-12
More results

Similar Description - APT75GT120JU3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT100GT120JU3 ADPOW-APT100GT120JU3 Datasheet
607Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT35GT120JU3 ADPOW-APT35GT120JU3 Datasheet
609Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT50GT120JU3 ADPOW-APT50GT120JU3 Datasheet
608Kb / 7P
   ISOTOP Buck chopper Trench IGBT
logo
Microsemi Corporation
APT35GT120JU2 MICROSEMI-APT35GT120JU2 Datasheet
506Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT35GT120JU3 MICROSEMI-APT35GT120JU3 Datasheet
506Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT100GT120JU3 MICROSEMI-APT100GT120JU3 Datasheet
505Kb / 7P
   ISOTOP Buck chopper Trench IGBT
APT75GT120JU3 MICROSEMI-APT75GT120JU3 Datasheet
507Kb / 7P
   ISOTOP Buck chopper Trench IGBT
logo
Advanced Power Technolo...
APT60GF60JU3 ADPOW-APT60GF60JU3 Datasheet
526Kb / 8P
   ISOTOP Buck chopper NPT IGBT
logo
Microsemi Corporation
APT100GF60JU3 MICROSEMI-APT100GF60JU3 Datasheet
431Kb / 9P
   ISOTOP Buck chopper NPT IGBT
logo
Advanced Power Technolo...
APT30GF60JU3 ADPOW-APT30GF60JU3 Datasheet
476Kb / 8P
   ISOTOP Buck chopper NPT IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com