Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF330A60D3 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APTGF330A60D3
Description  Phase leg NPT IGBT Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF330A60D3 Datasheet(HTML) 2 Page - Advanced Power Technology

  APTGF330A60D3 Datasheet HTML 1Page - Advanced Power Technology APTGF330A60D3 Datasheet HTML 2Page - Advanced Power Technology APTGF330A60D3 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APTGF330A60D3
APT website – http://www.advancedpower.com
2 - 3
Electrical Characteristics
All ratings @ Tj = 25°C unless otherwise specified
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
BVCES
Collector - Emitter Breakdown Voltage
VGE = 0V, IC = 10 mA
600
V
Tj = 25°C
2
750
µA
ICES
Zero Gate Voltage Collector Current
VGE = 0V
VCE = 600V
Tj = 125°C
1.5
mA
Tj = 25°C
2.0
2.5
VCE(on) Collector Emitter on Voltage
VGE = 15V
IC = 400A
Tj = 125°C
2.2
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 8 mA
4.5
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
600
nA
Dynamic Characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Cies
Input Capacitance
18
Cres
Reverse Transfer Capacitance
VGE = 0V, VCE = 25V
f = 1MHz
1.6
nF
Td(on)
Turn-on Delay Time
165
Tr
Rise Time
40
Td(off)
Turn-off Delay Time
250
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VBus = 300V
IC = 400A
RG = 0.82Ω
35
ns
Td(on)
Turn-on Delay Time
180
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
285
Tf
Fall Time
40
ns
Eoff
Turn off energy
Inductive Switching (125°C)
VGE = ±15V
VBus = 300V
IC = 400A
RG = 0.82Ω
13
mJ
Reverse diode ratings and characteristics
Symbol Characteristic
Test Conditions
Min
Typ
Max Unit
Tj = 25°C
1.25
1.6
VF
Diode Forward Voltage
IF = 400A
VGE = 0V
Tj = 125°C
1.2
V
Er
Reverse Recovery Energy
IF = 400A
VR = 300V
di/dt =900A/µs
Tj = 125°C
8.2
mJ
Tj = 25°C
24
Qrr
Reverse Recovery Charge
IF = 400A
VR = 300V
di/dt =900A/µs Tj = 125°C
40
µC
Thermal and package characteristics
Symbol Characteristic
Min
Typ
Max
Unit
IGBT
0.089
RthJC
Junction to Case
Diode
0.15
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min,
I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
150
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
For terminals
M6
3
5
Torque Mounting torque
To Heatsink
M6
3
5
N.m
Wt
Package Weight
380
g


Similar Part No. - APTGF330A60D3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF330A60D3G MICROSEMI-APTGF330A60D3G Datasheet
217Kb / 5P
   Phase leg NPT IGBT Power Module
More results

Similar Description - APTGF330A60D3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50A120T3WG MICROSEMI-APTGF50A120T3WG Datasheet
248Kb / 7P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF100A120T ADPOW-APTGF100A120T Datasheet
299Kb / 6P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF15A120T1G MICROSEMI-APTGF15A120T1G Datasheet
321Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF100A120T3WG MICROSEMI-APTGF100A120T3WG Datasheet
205Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF200A120D3G MICROSEMI-APTGF200A120D3G Datasheet
218Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF90A60TG MICROSEMI-APTGF90A60TG Datasheet
288Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF350A60G MICROSEMI-APTGF350A60G Datasheet
275Kb / 6P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150A120T ADPOW-APTGF150A120T Datasheet
277Kb / 5P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50A120T1G MICROSEMI-APTGF50A120T1G Datasheet
323Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF150A120T3WG MICROSEMI-APTGF150A120T3WG Datasheet
208Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF250A60D3G MICROSEMI-APTGF250A60D3G Datasheet
217Kb / 5P
   Phase leg NPT IGBT Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com