Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ48 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # P6SMBJ48
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMBJ48 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  P6SMBJ48 Datasheet HTML 1Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 2Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 3Page - Pan Jit International Inc. P6SMBJ48 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 6
Approve Sheet Part Number: P6SMBJ SERIES
100
10
1.0
0.1
0.1US
1.0ms
10ms
td
SEC
,PULSE WIDTH,
FIGURE 1-PEAK PULSE
POWER RATING CURVE
100
75
50
25
0
125
150
175
200
25
50
75
100
0
1.0US
10US
100US
TA
, AMBIENT TEMPERATUER, C
FIGURE2 DERATING CURVE
V(
), BREAKDOWN VOLTAGE, VOLTS
BR
FIGURE 4TYPICAL CAPACITANCE
t, TIME,ms
FIGURE 3-PULSE WAVEFORM
01.0
2.0
3.0
4.0
0
50
100
150
TA=25 C
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of Ipp
tf=10 u sec
10/1000 u sec Waveform
as Defined bye R.E.A.
Peak Value
Ippm
Half Value-Ipp
2
e-kt
td
T , LEAD TEMPERATURE, C
L
FIG.5-MAXIMUM NON-REPETITIVE
PEAK FOWARD SURGE CURRENT
UNIDIRECTIONAL
1.0
2.0
5.0
10
20
50 100
200
Measured at
Zero Bias
Measured at
Stand- Off
Voltahe(V
)
MW
Tj=25 C
f=1.0MHZ
Vsig=50mVp-p
Mounted on 5.0mm
Copper Land Areas
100
20
40
60
80
200
400
600
800
1,000
2,000
4,000
6,000
10
200
100
50
10
1
5
10
50
100
T=Tmax
8.3ms Single Half Since-Wave
JEDEC Method
JJ
Non-Repetitve
Pulse Wavefom
Shown in Flgure3
TA=25 C


Similar Part No. - P6SMBJ48

ManufacturerPart #DatasheetDescription
logo
Surge Components
P6SMBJ48 SURGE-P6SMBJ48 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Frontier Electronics.
P6SMBJ48 FRONTIER-P6SMBJ48 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ48 TRSYS-P6SMBJ48 Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
P6SMBJ48 PANJIT-P6SMBJ48 Datasheet
145Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Won-Top Electronics
P6SMBJ48 WTE-P6SMBJ48 Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - P6SMBJ48

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
P4SMAJ PANJIT-P4SMAJ Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
P2SMSJ YEASHIN-P2SMSJ Datasheet
745Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 170 Volts 200 Watt Peak Power Pulse
P6SMBJ5.0 YEASHIN-P6SMBJ5.0 Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 6 00 Watt Peak Power Pulse
logo
StarHope
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com