Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD674052 Datasheet(PDF) 1 Page - Sensitron

Part # SHD674052
Description  HERMETIC SILICON CARBIDE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD674052 Datasheet(HTML) 1 Page - Sensitron

  SHD674052 Datasheet HTML 1Page - Sensitron SHD674052 Datasheet HTML 2Page - Sensitron SHD674052 Datasheet HTML 3Page - Sensitron SHD674052 Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address- sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA, PROVISIONAL DATA ONLY
DATA SHEET 4129, Rev. B
HERMETIC SILICON CARBIDE RECTIFIER
DESCRIPTION: A 1200-VOLT, 5 AMP POWER SILICON CARBIDE RECTIFIER IN A CERAMIC
HERMETIC SHD-3 HIGH PROFILE PACKAGE
FEATURES:
NO RECOVERY TIME OR REVERSE RECOVERY LOSSES
NO TEMPERATURE INFLUENCE ON SWITCHING BEHAVIOR
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25
°C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
1200
Volts
MAXIMUM DC OUTPUT CURRENT
IO
5
Amps
MAXIMUM REPETITIVE FORWARD SURGE CURRENT
(t = 8.3ms, Sine)
IFRM
30
Amps
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
(t = 10
µs, pulse)
IFSM
100
Amps
MAXIMUM JUNCTION CAPACITANCE (Vr =5V)
CT
450
pF
MAXIMUM POWER DISSIPATION
Pd
15
W
MAXIMUM THERMAL RESISTANCE (Junction to Case)
RθJC
2.40
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top, Tstg
-55 to
+200
°C
ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
TYP
MAX.
UNITS
MAXIMUM FORWARD VOLTAGE DROP If = 5 A, TJ=25 °C
TJ=175 °C
1.65
2.55
1.80
3.00
Volts
MAXIMUM REVERSE CURRENT PIV = 1200V,
TJ = 25 °C
TJ = 175 °C
0.05
0.10
0.40
2.00
mA
TOTAL CAPACITIVE CHARGE (VR=1200V, IF=5A, di/dt=500A/µs and
TJ=25°C) QC
28
N/A
nC
SHD674052
SHD674052B


Similar Part No. - SHD674052

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD674062 SENSITRON-SHD674062 Datasheet
48Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674062B SENSITRON-SHD674062B Datasheet
48Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674072 SENSITRON-SHD674072 Datasheet
48Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674072B SENSITRON-SHD674072B Datasheet
48Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results

Similar Description - SHD674052

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD620052 SENSITRON-SHD620052 Datasheet
166Kb / 2P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674112 SENSITRON-SHD674112 Datasheet
240Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD676052 SENSITRON-SHD676052 Datasheet
52Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD620112 SENSITRON-SHD620112 Datasheet
244Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626031 SENSITRON-SHD626031 Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD675052 SENSITRON-SHD675052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112 SENSITRON-SHDC626112 Datasheet
382Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122_09 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626051 SENSITRON-SHD626051 Datasheet
464Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122 Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com